Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C66113-PVC Datasheet(PDF) 48 Page - Cypress Semiconductor

Part # CY7C66113-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66113-PVC Datasheet(HTML) 48 Page - Cypress Semiconductor

Back Button CY7C66113-PVC Datasheet HTML 44Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 45Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 47Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 48Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 49Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 50Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 51Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 48 of 58
(STALL[4] =
0)
1
1
0
1
Out
x
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange stall
no
(STALL[4] =
1)
1
1
0
1
In
x
UC
x
UC
UC
UC
UC
1
UC
1
1 1 0 0 ACK (back) yes
NAK In/erroneous Out
1
1
0
0
Out
x
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
1
1
0
0
In
x
UC
x
UC
UC
UC
UC
1
UC
UC
NoChange NAK
yes
Isochronous endpoint (In)
0
1
1
1
Out
x
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
0
1
1
1
In
x
UC
x
UC
UC
UC
UC
1
UC
UC
NoChange TX
yes
21.0
Register Summary
Addr
ess
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Read/Write
/Both[5, 6, 7]
Default/
Reset
0x00 Port 0 Data
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
bbbbbbbb
1111111
1
0x01 Port 1 Data
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
bbbbbbbb
1111111
1
0x02 Port 2 Data
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
bbbbbbbb
1111111
1
0x03 Port 3 Data
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
bbbbbbbb
1111111
1
0x04 Port 0 Interrupt
Enable
P0.7 Intr
Enable
P0.6 Intr
Enable
P0.5 Intr
Enable
P0.4 Intr
Enable
P0.3 Intr
Enable
P0.2 Intr
Enable
P0.1 Intr
Enable
P0.0 Intr
Enable
wwwwwww
w
000000
00
0x05 Port 1 Interrupt
Enable
P1.7 Intr
Enable
P1.6 Intr
Enable
P1.5 Intr
Enable
P1.4 Intr
Enable
Reserve
d
P1.2 Intr
Enable
P1.1 Intr
Enable
P1.0 Intr
Enable
wwwwwww
w
000000
00
0x06 Port 2 Interrupt
Enable
P2.7 Intr
Enable
P2.6 Intr
Enable
P2.5 Intr
Enable
P2.4 Intr
Enable
P2.3 Intr
Enable
Reserve
d
Reserve
d
Reserve
d
wwwwwww
w
000000
00
0x07 Port 3 Interrupt
Enable
Reserve
d
Reserve
d
Reserve
d
Reserve
d
Reserve
d
Reserve
d
P3.1 Intr
Enable
P3.0 Intr
Enable
wwwwwww
w
000000
00
0x08 GPIO Configu-
ration
Port 3
Config
Bit 1
Port 3
Config
Bit 0
Port 2
Config
Bit 1
Port 2
Config
Bit 0
Port 1
Config
Bit 1
Port 1
Config
Bit 0
Port 0
Config
Bit 1
Port 0
Config
Bit 0
bbbbbbbb
000000
00
0x09 HAPI/I2C Configu-
ration
I2C
Position
Reserve
d
Reserve
d
Reserve
d
Reserve
d
Reserve
d
I2C Port
Width
Reserve
d
bbbbbbbb
000000
00
0x10 USB Device
Address A
Device
Address
A Enable
Device
Address
A
Bit 6
Device
Address
A
Bit 5
Device
Address
A
Bit 4
Device
Address
A
Bit 3
Device
Address
A
Bit 2
Device
Address
A
Bit 1
Device
Address
A
Bit 0
bbbbbbbb
000000
00
Notes:
5.
B: Read and Write.
6.
W: Write.
7.
R: Read.
Table 20-3. Details of Modes for Differing Traffic Conditions (see Table 20-2 for the decode legend) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com