Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C66113-PVC Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CY7C66113-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66113-PVC Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CY7C66113-PVC Datasheet HTML 14Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 15Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 16Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 17Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 18Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 19Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 20Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 21Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 18 of 58
load. Therefore, the crystal must have a required load capacitance of about 15–18 pF. A ceramic resonator does not allow the
microcontroller to meet the timing specifications of full speed USB and therefore a ceramic resonator is not recommended with
these parts.
An external 6-MHz clock can be applied to the XTALIN pin if the XTALOUT pin is left open. Grounding the XTALOUT pin when
driving XTALIN with an oscillator does not work because the internal clock is effectively shorted to ground.
7.0
Reset
The CY7C66x13 supports two resets: POR and a Watchdog Reset (WDR). Each of these resets causes:
• all registers to be restored to their default states
• the USB device addresses to be set to 0
• all interrupts to be disabled
• the PSP and DSP to be set to memory address 0x00.
The occurrence of a reset is recorded in the Processor Status and Control Register, as described in Section 15.0. Bits 4 and 6
are used to record the occurrence of POR and WDR, respectively. Firmware can interrogate these bits to determine the cause
of a reset.
Program execution starts at ROM address 0x0000 after a reset. Although this looks like interrupt vector 0, there is an important
difference. Reset processing does NOT push the program counter, carry flag, and zero flag onto program stack. The firmware
reset handler should configure the hardware before the “main” loop of code. Attempting to execute a RET or RETI in the firmware
reset handler causes unpredictable execution results.
7.1
Power-on Reset
When VCC is first applied to the chip, the POR signal is asserted and the CY7C66x13 enters a “semi-suspend” state. During the
semi-suspend state, which is different from the suspend state defined in the USB specification, the oscillator and all other blocks
of the part are functional, except for the CPU. This semi-suspend time ensures that both a valid VCC level is reached and that
the internal PLL has time to stabilize before full operation begins. When the VCC has risen above approximately 2.5V, and the
oscillator is stable, the POR is deasserted and the on-chip timer starts counting. The first 1 ms of suspend time is not interruptible,
and the semi-suspend state continues for an additional 95 ms unless the count is bypassed by a USB Bus Reset on the upstream
port. The 95 ms provides time for VCC to stabilize at a valid operating voltage before the chip executes code.
If a USB Bus Reset occurs on the upstream port during the 95 ms semi-suspend time, the semi-suspend state is aborted and
program execution begins immediately from address 0x0000. In this case, the Bus Reset interrupt is pending but not serviced
until firmware sets the USB Bus Reset Interrupt Enable bit (bit 0 of register 0x20) and enables interrupts with the EI command.
The POR signal is asserted whenever VCC drops below approximately 2.5V, and remains asserted until VCC rises above this level
again. Behavior is the same as described above.
7.2
Watchdog Reset
The WDR occurs when the internal WDT rolls over. Writing any value to the write-only Watchdog Restart Register at address
0x26 clears the timer. The timer rolls over and WDR occurs if it is not cleared within tWATCH (8 ms minimum) of the last clear. Bit
6 of the Processor Status and Control Register is set to record this event (the register contents are set to 010X0001 by the WDR).
A WDT Reset lasts for 2 ms, after which the microcontroller begins execution at ROM address 0x0000.
The USB transmitter is disabled by a WDR because the USB Device Address Registers are cleared (see Section 19.1).
Otherwise, the USB Controller would respond to all address 0 transactions.
Last write to
WDT
Register
No write to WDT
register, so WDR
goes HIGH
Execution begins at
Reset Vector 0x0000
tWATCH
2 ms
Figure 7-1. Watchdog Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com