Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3207 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC3207
Description  1.5MHz,1.4A, Synchronous Step Down DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3207 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC3207 Datasheet HTML 1Page - E-CMOS Corporation EC3207 Datasheet HTML 2Page - E-CMOS Corporation EC3207 Datasheet HTML 3Page - E-CMOS Corporation EC3207 Datasheet HTML 4Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EC3207
1.5MHz,1.4A, Synchronous
Step Down DC/DC Converter
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 4
5D01N-Rev.F001
Pin Configuration
Absolute Maximum Ratings
(TA = 25°C Unless otherwise noted )
Parameter
Symbol
Value
Units
Input Voltage
VIN
-0.3~+6.5
V
EN, FB, SW Pin Voltage
VOUT
-0.3~+VIN
V
Thermal Resistance (Junction to Ambient)
θJA
250
°C/W
Thermal Resistance (Junction to Case)
θJC
90
°C/W
Operating Junction Temperature
VOUT
-40~+85
°C
Storage Temperature
TS
-65 to +150
°C
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
Electrical Characteristic (TA = 25℃, V
IN
=3.6V unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input Voltage Range
VIN
-40~85℃
2.5
6.0
V
Feedback Voltage
VFB
TA=25℃
0.588
0.6
0.612
V
TA=-40℃~+85℃
0.585
0.6
0.615
V
EN Threshold High
VEH
-40℃~+85℃
1.5
COUT=1
0μ F
L=2.2
μ H
V
EN Threshold Low
VEL
-40℃~+85℃
0.4
V
Peak Inductor Current
IPK
VFB=0.5V
1.4
A
EN Input Current
IEN
±0.01
1
uA
Reference Voltage Line
Regulation
△V
FB
VIN=2.7V ~ 5.5V
0.04
%/V
Quiescent Current
Hysterisis
IQ
VFB=0.6V or Vout=103%,
ILOAD=0A, VIN=3.6V
30
uA
Shutdown Current
ISD
VEN=0V
1
uA
Oscillator Frequency
fOSC
VFB = 0.6V or VOUT = 100%
1.5
MHz
Drain-Source On-State
Resistance
RDS(ON)
ISW = 200mA
P-MOSFET
0.22
Ω
N-MOSFET
0.3
SW Leakage Current
ISW
VOUT=5.5V, VSW=0 or 5.5V,
EN=0V
10
uA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com