Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3207 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC3207
Description  1.5MHz,1.4A, Synchronous Step Down DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3207 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC3207 Datasheet HTML 1Page - E-CMOS Corporation EC3207 Datasheet HTML 2Page - E-CMOS Corporation EC3207 Datasheet HTML 3Page - E-CMOS Corporation EC3207 Datasheet HTML 4Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EC3207
1.5MHz,1.4A, Synchronous
Step Down DC/DC Converter
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 4
5D01N-Rev.F001
Block Diagram
Typical application circuit
Adjustable Output Voltage
VIN=2.5V ~6.0V
VOUT= 1.8V
R1=240KΩ
R2=120KΩ
CIN=10μF
COUT=10μF
L=2.2 μH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com