Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3286 Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC3286
Description  3A 32V Synchronous Rectified Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3286 Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC3286 Datasheet HTML 6Page - E-CMOS Corporation EC3286 Datasheet HTML 7Page - E-CMOS Corporation EC3286 Datasheet HTML 8Page - E-CMOS Corporation EC3286 Datasheet HTML 9Page - E-CMOS Corporation EC3286 Datasheet HTML 10Page - E-CMOS Corporation EC3286 Datasheet HTML 11Page - E-CMOS Corporation EC3286 Datasheet HTML 12Page - E-CMOS Corporation EC3286 Datasheet HTML 13Page - E-CMOS Corporation EC3286 Datasheet HTML 14Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
3A 32V Synchronous Rectified Step-Down
Converter
EC3286
E-CMOS Corp. (www.ecmos.com.tw)
Page 11 of 14
4J23N-Rev.F001
Optional Schottky Diode
During the transition between high-side switch and low-side switch, the body diode of the low-
side power MOSFET conducts the inductor current. The forward voltage of this body diode
is high. An optional Schottky diode may be paralleled between the SW pin and GND pin to
improve overall efficiency. Table 1 lists example Schottky diodes and their Manufacturers.
Input Capacitor
The input current to the step-down converter is discontinuous, therefore a capacitor is required
to supply the AC current to the step-down converter while maintaining the DC input voltage.
Use low ESR capacitors for the best performance. Ceramic capacitors are preferred, but
tantalum or low-ESR electrolytic capacitors may also suffice. Choose X5R or X7R dielectrics
when using ceramic capacitors. Since the input capacitor (C1) absorbs the input switching
current it requires an adequate ripple current rating. The RMS current in the input capacitor
can be estimated by:
The worst-case condition occurs at VIN = 2VOUT,where IC1 = ILOAD/2. For simplification,
choose the input capacitor whose RMS current rating greater than half of the maximum
load current. The input capacitor can be electrolytic, tantalum or ceramic. When using electrolytic
or tantalum capacitors, a small, high quality ceramic capacitor, i.e.
0.1μF, should be placed
as close to the IC as possible. When using ceramic capacitors, make sure that they
have enough capacitance to provide sufficient charge to prevent excessive voltage ripple at
input. The input voltage ripple for low ESR capacitors can be estimated by:
Where C1 is the input capacitance value.
Output Capacitor
The output capacitor is required to maintain the DC output voltage. Ceramic, tantalum, or
low ESR electrolytic capacitors are recommended. Low ESR capacitors are preferred to keep
the output voltage ripple low. The output voltage ripple can be estimated by:
Where C2 is the output capacitance value and RESR is the Equivalent series resistance (ESR)
value of the output capacitor.
In the case of ceramic capacitors, the impedance at the switching frequency is dominated by
the
capacitance. The output voltage ripple is mainly caused by the capacitance. For
simplification, the output voltage ripple can be estimated by:
In the case of tantalum or electrolytic capacitors, the ESR dominates the impedance at
the switching frequency. For simplification, the output ripple can be approximated to:
Part Number
Voltage/Current
Vendor
B130
30V, 1A
Diodes, Inc.
SK13
30V, 1A
Diodes, Inc.
MBRS130
30V, 1A
International Rectifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com