Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3286 Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # EC3286
Description  3A 32V Synchronous Rectified Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3286 Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button EC3286 Datasheet HTML 6Page - E-CMOS Corporation EC3286 Datasheet HTML 7Page - E-CMOS Corporation EC3286 Datasheet HTML 8Page - E-CMOS Corporation EC3286 Datasheet HTML 9Page - E-CMOS Corporation EC3286 Datasheet HTML 10Page - E-CMOS Corporation EC3286 Datasheet HTML 11Page - E-CMOS Corporation EC3286 Datasheet HTML 12Page - E-CMOS Corporation EC3286 Datasheet HTML 13Page - E-CMOS Corporation EC3286 Datasheet HTML 14Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
3A 32V Synchronous Rectified Step-Down
Converter
EC3286
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 14
4J23N-Rev.F001
Where R3 is the compensation resistor.
3. Determine if the second compensation capacitor (C6) is required. It is required if the ESR
zero of the output capacitor is located at less than half of the switching frequency, or the
following relationship is valid:
If
this
is
the
case,
then
add
the
second
compensation capacitor (C6) to set the
pole fP3 at the location of the ESR zero. Determine the C6 value by the equation:
External Bootstrap Diode
An external bootstrap diode may enhance the efficiency of the regulator, the applicable
conditions of external BST diode are: VOUT=5V or 3.3V; and
Duty cycle is high:
In these cases, an external BST diode is recommended from the output of the voltage regulator
to BST pin, as shown in Fig.14
Figure14.Add Optional External Bootstrap Diode to Enhance Efficiency
The recommended external BST diode is IN4148, and the BST
cap is 0.1~1μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com