Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3689 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC3689
Description  800KHz Synchronous Step-up Converter with 5.5A Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3689 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC3689 Datasheet HTML 1Page - E-CMOS Corporation EC3689 Datasheet HTML 2Page - E-CMOS Corporation EC3689 Datasheet HTML 3Page - E-CMOS Corporation EC3689 Datasheet HTML 4Page - E-CMOS Corporation EC3689 Datasheet HTML 5Page - E-CMOS Corporation EC3689 Datasheet HTML 6Page - E-CMOS Corporation EC3689 Datasheet HTML 7Page - E-CMOS Corporation EC3689 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 8
4E02N-Rev.P001
800KHz Synchronous Step-up
Converter with 5.5A Switches
EC3689
Ordering Information
Part Number
Package
Marking
Marking Information
EC3689NNMHR
SOP-8
(Exposed PAD)
3689
LLLLL
YYWWT
1.
LLLLL :Lot No
2.
YYWW:Date Code
3.
T:Internal Track Code
Pin Configuration
Pin Description
NAME
PIN NO.
DESCRIPTION
VIN
1
Input Supply voltage
EN
2
Enable input.(1/VIN enabled,0/GND disabled)
GND
3
Analog Ground pin. Connect GND to PGND under EP.
FB
4
Voltage feedback of adjustable versions. Connect FB to GND and set fixed
5.05V output voltage.
VOUT
5
Step-up convert output
SW
6, 7
Step-up and rectifying switch input
PGND
8
Power Ground pin.
EP
Exposed pad must be soldered to achieve appropriate power dissipation.
Connect EP to GND.
EC3689 Top View



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com