Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3689 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC3689
Description  800KHz Synchronous Step-up Converter with 5.5A Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3689 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC3689 Datasheet HTML 1Page - E-CMOS Corporation EC3689 Datasheet HTML 2Page - E-CMOS Corporation EC3689 Datasheet HTML 3Page - E-CMOS Corporation EC3689 Datasheet HTML 4Page - E-CMOS Corporation EC3689 Datasheet HTML 5Page - E-CMOS Corporation EC3689 Datasheet HTML 6Page - E-CMOS Corporation EC3689 Datasheet HTML 7Page - E-CMOS Corporation EC3689 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 8
4E02N-Rev.P001
800KHz Synchronous Step-up
Converter with 5.5A Switches
EC3689
Absolute Maximum Ratings(1)
Thermal Characteristics
Recommended Operating Conditions(2)
Note (1): Stress beyond those listed under “Absolute Maximum Ratings” may damage the device.
Note (2): The device is not guaranteed to function outside the recommended operating conditions.
Symbol
Parameter
Rating
Unit
VIN
Supply Voltage
-0.3 to +6
V
VOUT
Output Voltage
-0.3 to +6
V
VFB/VSW/VEN
Input Voltage
-0.3 to +6
V
IPK
Peak Output Current
Internally Limited
A
TLED
Lead Temperature
260
℃
TJ
Junction Temperature
-40 ~ +135
℃
TSTG
Storage Temperature
-55 ~ +155
℃
Symbol
Parameter
Typical Value
Unit
Θ
JA
Junction-to-Ambient Resistance in free air
38.2
℃/W
PD
Maximum Power Dissipation(TA=25℃)
2.6
W
Symbol
Parameter
Rating
Unit
VIN
Supply Voltage
+2.9 to +5.5
V
VOUT
Output Voltage
+2.9 to +5.5
V
TOP
Operating Temperature
-40 ~ +85
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com