Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP030T Datasheet(PDF) 1 Page - BeRex Corporation

Part # BCP030T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP030T Datasheet(HTML) 1 Page - BeRex Corporation

  BCP030T Datasheet HTML 1Page - BeRex Corporation BCP030T Datasheet HTML 2Page - BeRex Corporation BCP030T Datasheet HTML 3Page - BeRex Corporation BCP030T Datasheet HTML 4Page - BeRex Corporation BCP030T Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BCP030T
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP (.25µm x 300µm)
The BeRex BCP030T is a GaAs Power pHEMT with a nominal 0.25 micron gate length and 300 micron gate width
making the product ideally suited for amplifier applications where high-gain and medium power from DC to 26
GHz. The product may be used in either wideband or narrow-band applications. The BCP030T is produced using
state of the art metallization with SI3N4 passivation and is screened to assure reliability.
PRODUCT FEATURES
•
25 dBm Typical Output Power
•
14 dB Typical Gain @12 GHz
•
65% PAE Typical @12 GHz
•
0.25 X 300 µm Recessed Gate
•
Also available in 70 mil. ceramic package
(BCP030T-70)
APPLICATIONS
•
Commercial
•
Military / Hi-Rel.
• Test & Measurement
DC CHARACTERISTICS Ta = 25° C
SYMBOL
PARAMETER/TEST CONDITIONS
MIN.
TYPICAL
MAX.
UNIT
Idss
Saturated Drain Current (Vgs = 0V, Vds = 1.0V)
60
90
120
mA
Gm
Transconductance (Vds = 2V, Vgs = 50% Idss)
120
mS
Vp
Pinch-off Voltage (Ids = 0.3 mA, Vds = 2V)
-2.5
-1.1
-0.5
V
BVgd
Drain Breakdown Voltage (Ig = 0.3 mA, source open)
-15
-12
V
BVgs
Source Breakdown Voltage (Ig = 0.3 mA, drain open)
-13
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
121
°C/W
ELECTRICAL CHARACTERISTICS (TUNED FOR POWER) Ta = 25° C
SYMBOL
PARAMETER/TEST CONDITIONS
TEST
FREQ.
MIN.
TYPICAL
MAX.
UNIT
P1dB
Output Power @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
24.5
25.5
25.5
dBm
G1dB
Gain @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
13.0
14.0
10.5
dB
PAE
PAE @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
65
60
%
NF
50 Ohm Noise Figure (Vds=2V, Ids=15 mA)
12 GHz
1.14
dB
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7


Similar Part No. - BCP030T

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP030T BEREX-BCP030T Datasheet
622Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP030T-70 BEREX-BCP030T-70 Datasheet
803Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 300關m gate)
BCP030T-70 BEREX-BCP030T-70 Datasheet
672Kb / 7P
HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP030T-70 BEREX-BCP030T-70_15 Datasheet
672Kb / 7P
HIGH EFFICIENCY HETEROJUNCTION POWER FET
More results

Similar Description - BCP030T

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP020T BEREX-BCP020T Datasheet
624Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP030T BEREX-BCP030T Datasheet
622Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP120C BEREX-BCP120C Datasheet
371Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C Datasheet
326Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP030C BEREX-BCP030C Datasheet
318Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T_15 Datasheet
436Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF080T BEREX-BCF080T_18 Datasheet
382Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF120T BEREX-BCF120T_18 Datasheet
430Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C_18 Datasheet
336Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP080C BEREX-BCP080C_18 Datasheet
337Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com