Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP030T Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP030T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP030T Datasheet(HTML) 3 Page - BeRex Corporation

  BCP030T Datasheet HTML 1Page - BeRex Corporation BCP030T Datasheet HTML 2Page - BeRex Corporation BCP030T Datasheet HTML 3Page - BeRex Corporation BCP030T Datasheet HTML 4Page - BeRex Corporation BCP030T Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCP030T
PIN_POUT/GAIN, PAE (18 GHz)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Power)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Gain)
S-PARAMETER (Vds = 8V, Ids = 50% Idss)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1
0.97
-27.72
9.10
159.71
0.019
74.59
0.71
-10.54
2
0.91
-53.85
8.41
141.85
0.036
61.30
0.66
-19.37
3
0.85
-78.65
7.57
126.23
0.048
50.31
0.59
-26.23
4
0.79
-100.97
6.73
112.12
0.055
41.94
0.54
-32.00
5
0.75
-121.90
5.95
99.32
0.061
35.64
0.48
-37.41
6
0.73
-139.47
5.24
88.30
0.062
30.97
0.44
-41.98
7
0.72
-155.99
4.62
77.67
0.062
24.97
0.40
-48.43
8
0.72
-168.99
4.14
68.95
0.063
21.67
0.38
-51.15
9
0.72
-179.97
3.71
61.22
0.060
19.65
0.36
-54.78
10
0.72
169.20
3.37
53.50
0.060
18.02
0.34
-58.30
11
0.74
160.38
3.04
46.46
0.060
16.99
0.33
-60.45
12
0.75
151.34
2.81
39.07
0.059
13.84
0.32
-63.94
13
0.76
142.18
2.58
32.32
0.059
14.91
0.30
-65.39
14
0.79
135.08
2.37
25.60
0.059
12.56
0.28
-67.17
15
0.80
128.26
2.21
19.05
0.060
12.24
0.25
-70.97
16
0.82
120.51
2.05
12.14
0.061
10.92
0.21
-75.16
17
0.85
116.46
1.88
5.62
0.060
8.30
0.17
-84.42
18
0.86
110.04
1.73
-1.49
0.064
5.45
0.13
-99.08
19
0.88
104.87
1.57
-9.16
0.065
3.39
0.10
-131.69
20
0.89
103.82
1.43
-14.39
0.066
3.64
0.11
-175.84
21
0.90
100.91
1.30
-20.35
0.069
1.83
0.17
160.35
22
0.90
99.40
1.15
-25.89
0.068
1.36
0.24
149.32
23
0.90
100.87
1.04
-30.07
0.067
-0.48
0.31
142.60
24
0.90
98.38
0.93
-34.99
0.066
-1.84
0.39
139.62
25
0.92
99.27
0.83
-38.62
0.068
-0.48
0.45
137.44
26
0.92
101.85
0.76
-40.47
0.064
4.76
0.49
137.87
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com