Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP020C Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP020C
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP020C Datasheet(HTML) 3 Page - BeRex Corporation

  BCP020C Datasheet HTML 1Page - BeRex Corporation BCP020C Datasheet HTML 2Page - BeRex Corporation BCP020C Datasheet HTML 3Page - BeRex Corporation BCP020C Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #6101 Santa Clara 95054 tel. (408) 452-5595
February 2017
Specifications are subject to change without notice. ©BeRex 2017
Rev. 1.1
BCP020C
S-PARAMETERS (Vds = 8V, Ids = 30mA)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1.0
0.99
-15.31
4.97
167.46
0.012
81.67
0.88
-4.21
2.0
0.97
-29.80
4.85
156.22
0.020
72.74
0.87
-8.78
3.0
0.94
-44.22
4.73
145.14
0.030
68.00
0.85
-13.28
4.0
0.90
-60.25
4.60
134.20
0.037
62.14
0.84
-16.02
5.0
0.86
-76.06
4.47
123.09
0.044
52.91
0.82
-19.39
6.0
0.82
-92.31
4.32
111.94
0.048
44.59
0.79
-23.31
7.0
0.78
-109.93
4.13
101.26
0.055
39.19
0.77
-25.87
8.0
0.74
-126.99
3.93
90.75
0.056
32.28
0.75
-28.39
9.0
0.71
-144.87
3.70
80.05
0.058
25.93
0.72
-31.61
10.0
0.70
-162.63
3.44
70.00
0.059
19.00
0.71
-34.00
11.0
0.70
-179.42
3.17
60.31
0.057
16.14
0.68
-36.81
12.0
0.72
165.74
2.92
50.94
0.056
9.46
0.66
-39.98
13.0
0.74
152.86
2.69
42.87
0.056
6.43
0.64
-41.91
14.0
0.76
142.52
2.47
35.44
0.055
3.83
0.62
-44.64
15.0
0.79
132.78
2.28
27.88
0.053
2.00
0.60
-47.32
16.0
0.80
125.13
2.10
21.28
0.053
2.02
0.58
-50.59
17.0
0.83
118.62
1.97
14.85
0.054
-1.25
0.57
-55.47
18.0
0.84
111.90
1.83
8.08
0.054
-2.67
0.56
-60.16
19.0
0.85
107.02
1.69
1.45
0.056
-5.19
0.55
-67.17
20.0
0.86
101.87
1.56
-5.08
0.059
-8.40
0.54
-75.07
21.0
0.86
98.40
1.46
-11.21
0.060
-10.88
0.53
-82.70
22.0
0.85
95.28
1.35
-17.15
0.062
-11.32
0.53
-90.96
23.0
0.84
92.18
1.25
-23.39
0.058
-12.62
0.53
-99.81
24.0
0.85
90.39
1.16
-28.76
0.060
-13.27
0.53
-109.02
25.0
0.86
88.89
1.08
-33.55
0.058
-10.59
0.53
-117.73
26.0
0.87
85.43
0.99
-39.26
0.058
-4.61
0.54
-125.41
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com