Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP020C Datasheet(PDF) 4 Page - BeRex Corporation

Part # BCP020C
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP020C Datasheet(HTML) 4 Page - BeRex Corporation

  BCP020C Datasheet HTML 1Page - BeRex Corporation BCP020C Datasheet HTML 2Page - BeRex Corporation BCP020C Datasheet HTML 3Page - BeRex Corporation BCP020C Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #6101 Santa Clara 95054 tel. (408) 452-5595
February 2017
Specifications are subject to change without notice. ©BeRex 2017
Rev. 1.1
BCP020C
WIRE BONDING INFORMATION
Using 1 mil. diameter, Au bonding wires.
1. Gate to input transmission line
- Length and Height : 600 µm x 250 µm
- Number of wire(s): 1
2. Drain to output transmission line
- Length and Height : 400 µm x 250 µm
- Number of wire(s) : 1
3. Source to ground plate
- Length and Height : 250 µm x 300 µm
- Number of wire(s) : 4
DISCLAIMER
BEREX RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN. BEREX DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE
OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN.
LIFE SUPPORT POLICY
BEREX PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES WITHOUT THE
EXPRESS WRITTEN APPROVAL OF BEREX.
1.
Life support devices or systems are devices or systems which (a) are intended for surgical implant into the body, or
(b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use
provided in labeling, can be reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably
expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com