Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40161B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF40161B
Description  SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40161B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF40161B Datasheet HTML 1Page - STMicroelectronics HCF40161B Datasheet HTML 2Page - STMicroelectronics HCF40161B Datasheet HTML 3Page - STMicroelectronics HCF40161B Datasheet HTML 4Page - STMicroelectronics HCF40161B Datasheet HTML 5Page - STMicroelectronics HCF40161B Datasheet HTML 6Page - STMicroelectronics HCF40161B Datasheet HTML 7Page - STMicroelectronics HCF40161B Datasheet HTML 8Page - STMicroelectronics HCF40161B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
September 2002
s
INTERNAL LOOK-AHEAD FOR FAST
COUNTING
s
CARRY OUTPUT FOR CASCADING
s
SYNCHRONOUSLY PROGRAMMABLE
s
LOW-POWER TTL COMPATIBILITY
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF40161B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF40161B is a 4-bit synchronous programmable
counter. The CLEAR function is asynchronous. A
low level at the CLEAR input sets all four outputs
low regardless of the state of the CLOCK, LOAD
and ENABLE inputs. A low level at the LOAD
inputs disables the counter and causes the output
to agree with the set-up data after the following
CLOCK pulse regardless of the conditions of the
ENABLE inputs. The carry look-ahead circuitry
provides
for
cascading
counter
for
n-bit
synchronous application without additional gating.
Counting is enabled when both the PE and TE
inputs are high. The TE input is fed forward to
enable COUT. This enable output produces a
positive
output
pulse
with
a
duration
approximately equal to the positive portion of the
Q1 output. This positive overflow carry pulse can
be used to enable successive cascaded stages.
Logic transitions at the PE and TE inputs may
occur when the clock is either high or low.
HCF40161B
SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY
COUNTER WITH ASYNCHRONOUS CLEAR
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF40161BEY
SOP
HCF40161BM1
HCF40161M013TR
DIP
SOP


Similar Part No. - HCF40161B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
310Kb / 15P
SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
Sep-1988
HCF40161BC1 STMICROELECTRONICS-HCF40161BC1 Datasheet
310Kb / 15P
SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
Sep-1988
HCF40161BEY STMICROELECTRONICS-HCF40161BEY Datasheet
310Kb / 15P
SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
Sep-1988
HCF40161BF STMICROELECTRONICS-HCF40161BF Datasheet
310Kb / 15P
SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
Sep-1988
HCF40161BM1 STMICROELECTRONICS-HCF40161BM1 Datasheet
310Kb / 15P
SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
Sep-1988
More results

Similar Description - HCF40161B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40161B PHILIPS-HEF40161B Datasheet
152Kb / 10P
4-bit synchronous binary counter with asynchronous reset
January 1995
logo
Fairchild Semiconductor
74VHC161 FAIRCHILD-74VHC161 Datasheet
88Kb / 10P
4-Bit Binary Counter with Asynchronous Clear
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
4-Bit Binary Counter with Synchronous Clear
DM74AS161 FAIRCHILD-DM74AS161 Datasheet
72Kb / 7P
Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Texas Instruments
74ACT11867 TI1-74ACT11867 Datasheet
188Kb / 11P
SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
Synchronous 4-bit Binary Counter (Synchronous Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com