Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40161B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF40161B
Description  SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40161B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF40161B Datasheet HTML 2Page - STMicroelectronics HCF40161B Datasheet HTML 3Page - STMicroelectronics HCF40161B Datasheet HTML 4Page - STMicroelectronics HCF40161B Datasheet HTML 5Page - STMicroelectronics HCF40161B Datasheet HTML 6Page - STMicroelectronics HCF40161B Datasheet HTML 7Page - STMicroelectronics HCF40161B Datasheet HTML 8Page - STMicroelectronics HCF40161B Datasheet HTML 9Page - STMicroelectronics HCF40161B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HCF40161B
6/14
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
Clock to Q
5
200
400
ns
10
80
160
15
60
120
tPLH tPHL Propagation Delay Time
Clock to COUT
5
225
450
ns
10
95
190
15
70
140
tPLH tPHL Propagation Delay Time
TE to COUT
5
125
250
ns
10
55
110
15
40
80
tsetup
Setup Time
Data to Clock
5
240
120
ns
10
90
45
15
60
30
tsetup
Setup Time
Load to Clock
5
240
120
ns
10
90
45
15
60
30
tsetup
Setup Time
PE or TE to Clock
5
340
170
ns
10
140
70
15
100
50
thold
Hold Time
5
0
ns
10
0
15
0
tTHL tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
tW
Clock Input Pulse Width
5
170
85
ns
10
70
35
15
50
25
fCL
Maximum Clock Input
Frequency
52
3
MHz
10
5.5
8.5
15
8
12
tr tf
Clock Input Rise or Fall
Time
5200
ns
10
70
15
15
tPHL
Proagation Delay Time
Clear to Q
5
250
500
ns
10
110
220
15
80
160
tW
Clear Input Pulse Width
Low Level
5
170
85
ns
10
70
35
15
50
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com