Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412I Datasheet(PDF) 21 Page - Microchip Technology

Part # HCS412I
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412I Datasheet(HTML) 21 Page - Microchip Technology

Back Button HCS412I Datasheet HTML 17Page - Microchip Technology HCS412I Datasheet HTML 18Page - Microchip Technology HCS412I Datasheet HTML 19Page - Microchip Technology HCS412I Datasheet HTML 20Page - Microchip Technology HCS412I Datasheet HTML 21Page - Microchip Technology HCS412I Datasheet HTML 22Page - Microchip Technology HCS412I Datasheet HTML 23Page - Microchip Technology HCS412I Datasheet HTML 24Page - Microchip Technology HCS412I Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41099C-page 21
HCS412
4.3.1
ANTICOLLISION
Multiple tokens in the same inductive field will simulta-
neously
respond
to
inductive
commands.
The
responses will collide making token authentication
impossible. Enabling anticollision allows addressing of
an individual token, regardless how many tokens are in
the field.
The HCS412 method is that all tokens trained to a
given vehicle will have the same 25 MSb’s of their serial
number. The serial numbers of up to 8 tokens trained to
access a given vehicle will differ only in the 3 LSb’s.
Think of the 25 MSb’s of the HCS412's serial number
as the vehicle ID and the 3 LSb’s as the token ID. The
vehicle ID associates the token with a given vehicle
and the token ID makes it a uniquely addressable
(selectable) 1 of 8 possible tokens authorized to access
the vehicle.
The transponder reader addresses an individual token,
HCS412, by sending a ‘SELECT ENCODER’ command.
The command is followed by from 1 to 25 bits of the
HCS412's serial number, starting with bit 3 (Least Sig-
nificant bit first) (Figure 4-3).
Clocking out ‘1’s then increments the 3 LSb’s, the first
‘1’ setting the bits to 000b. When the value matches
the 3 LSb’s of a token, the token responds with an
Encoder Select Acknowledge. The reader must halt
clocking out further ‘1’s or risk selecting multiple
tokens. Any remaining tokens in the field will be unse-
lected, responding only if a new device selection
sequence selects them. Removing the field will also
RESET a selected/unselected state if removed long
enough to result in a device RESET.
The ability to isolate a single HCS412 for communica-
tion greatly depends on the number of Most Significant
serial number bits included in the device selection
sequence. The more serial number bits sent, the more
narrow the device selection. All bits not transmitted are
treated as wildcards. Sending only 1 bit, bit 3 as a ‘0’,
will only narrow the number of tokens allowed to
respond to all with bit 3 equal to ‘0’. When the transpon-
der reader sends the full 25 MSb’s of the serial number,
it narrows all possible tokens down to only those
trained to the vehicle - only those tokens whose serial
number’s 25 MSb’s match.
TABLE 4-3:
DEVICE SELECT COMMAND
FIGURE 4-3:
ANTICOLLISION - DEVICE SELECTION
Command
Description
Expected data In
Response
00000
Select HCS412, used if Anticolli-
sion enabled
The desired HCS412’s serial
number
Encoder select Acknowledge if
serial number match
1 to 25 bits of the
Serial Number,
Encoder
Select
ACK
Inductive
Comms
RF
Comms
TESA
Command
TOTD
Start
2 LFTE
Activate
Field
ACK
Delay to
Command
Command
Delay to
Serial
Most Sig X Bits
3 LSb’s
Clock Serial
of Serial Number
Delay
ACK
28-bit Serial Number
1 to 25 bits of the
Serial Number,
starting with Bit 3.
Communication from reader to HCS412
Communication from HCS412 to reader
2ms
000b
010b
001b
011b
4th ‘1’ interrupted
by ACK, indicating
selection @ LSb = 011b
Send ‘1’s to
increment 3LSb’s
Start
2 LFTE
Start
2 LFTE
starting with Bit 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com