Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412I Datasheet(PDF) 24 Page - Microchip Technology

Part # HCS412I
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412I Datasheet(HTML) 24 Page - Microchip Technology

Back Button HCS412I Datasheet HTML 20Page - Microchip Technology HCS412I Datasheet HTML 21Page - Microchip Technology HCS412I Datasheet HTML 22Page - Microchip Technology HCS412I Datasheet HTML 23Page - Microchip Technology HCS412I Datasheet HTML 24Page - Microchip Technology HCS412I Datasheet HTML 25Page - Microchip Technology HCS412I Datasheet HTML 26Page - Microchip Technology HCS412I Datasheet HTML 27Page - Microchip Technology HCS412I Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
HCS412
DS41099C-page 24
Preliminary
© 2002 Microchip Technology Inc.
4.3.4
BULK ERASE
A Bulk Erase resets the HCS412’s memory map to all
zeros. The transponder reader selects the appropriate
device through anticollision, as need be, issues the
PROGRAM
command followed by the device’s 28-bit
transport code, then resets the device by removing the
field for 100 ms.
Resetting the device after the PROGRAM command
results in a bulk erase, resetting the EEPROM memory
map to all zeros. This is important to remember as the
reader must now communicate to the device using the
communication options resulting from a zero’d configu-
ration word - baud rates, modulation format, etc.
(Table 5-1).
FIGURE 4-7:
BULK ERASE
4.3.5
PROGRAM
Inductive programming a HCS412 begins with a bulk
erase sequence (Section 4.3.4), followed by issuing
the PROGRAM command and the desired EEPROM
memory map’s 18x16-bit words (Section 5.0). The
HCS412 will send a write Acknowledge after each word
has been successfully written, indicating the device is
ready to receive the next 16-bit word.
After a complete 18 word memory map has been
received and written, the HCS412 PPM modulates 18
bursts of 16-bit words on the LC pins for write verifica-
tion. Each word follows the standard HCS412 response
format with a leading 1LFTE low START pulse and ‘01b’
preamble (Figure 4-10).
Since the bulk erase resets the configuration options to
all zeros, the oscillator tuning value will also be cleared.
The correct tuning value is required when the program-
ming sequence sends the new configuration word. The
value may either be obtained by reading the configura-
tion word prior to bulk erase to extract the value or by
determining TE from the field Acknowledge sequence
and
calculating
the
tuning
value
appropriately
(Section 4.2.1).
TABLE 4-6:
PROGRAM COMMANDS
FIGURE 4-8:
PROGRAM SEQUENCE - FIRST WORD
Transport
Code
28-bit
100ms
Program
TOTD
Communication from reader to HCS412
Communication from HCS412 to reader
Start
2 LFTE
Start
2 LFTE
ACK
6ms
TPU
TATO
Activate
Field
ACK
Delay to
Command
Command
Delay to
TCODE
Transport
28-bit
Delay
Code
Device Reset
Command
Command
Description
Expected data In
Response
01000
Program HCS412 EEPROM
Transport code (28 bits); Com-
plete memory map: 18 x 16-bit
words (288 bits)
Write Acknowledge pulse after
each 16-bit word, 288 bits trans-
mitted in 18 bursts of 16-bit words
Activate
Field
ACK
Delay to
Command
Command
Delay to
TCODE
Transport
Write ACK
Delay before Write
ACK
28-bit
Delay to
Data
Code
16 bits Data
Repeat 18 times for programming
Transport
Code
28-bit
TWR
Program
TOTD
Write Delay
16
Communication from reader to HCS412
Communication from HCS412 to reader
Start
2 LFTE
Start
2 LFTE
Start
2 LFTE
ACK
ACK
TTTD
TPU
TATO
Command
Data Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com