Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412SN Datasheet(PDF) 27 Page - Microchip Technology

Part # HCS412SN
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412SN Datasheet(HTML) 27 Page - Microchip Technology

Back Button HCS412SN Datasheet HTML 23Page - Microchip Technology HCS412SN Datasheet HTML 24Page - Microchip Technology HCS412SN Datasheet HTML 25Page - Microchip Technology HCS412SN Datasheet HTML 26Page - Microchip Technology HCS412SN Datasheet HTML 27Page - Microchip Technology HCS412SN Datasheet HTML 28Page - Microchip Technology HCS412SN Datasheet HTML 29Page - Microchip Technology HCS412SN Datasheet HTML 30Page - Microchip Technology HCS412SN Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41099C-page 27
HCS412
4.3.8
ENABLE DEFAULT IFF COMMUNICATION
The ENABLE DEFAULT IFF COMMUNICATION com-
mand defaults certain HCS412 communication options
such that the transponder reader may communicate to
the device with a common (safe) protocol. The default
setting remains for the duration of the communication,
returning to normal only after a device RESET.
Default IFF communication settings:
• Anticollision disabled
• RF echo disabled
•200
µs LF baud rate.
TABLE 4-9:
DEFAULT IFF COMMUNICATION COMMANDS
FIGURE 4-14: ENABLE DEFAULT IFF COMMUNICATION
4.4
IFF Communication Special Features
TABLE 4-10:
LF COMMUNICATION
SPECIAL FEATURES (LFSP)
4.4.1
PASSIVE PROXIMITY ACTIVATION
(LFSP = 10)
Enabling the Proximity Activation configuration option
allows the HCS412 to transmit a hopping code trans-
mission in response to a signal present on the LC0 pin.
The HCS412 sends out Field Acknowledge Sequence
in response to detecting the LF field (Figure 4-1). If the
HCS412 does not receive a command before the sec-
ond field Acknowledge sequence [within 255 LFTE‘s], it
will transmit a normal code hopping transmission for 2
seconds on the DATA pin. After 2 seconds the HCS412
reverts to normal transponder mode.
The 2 second transmission does not repeat when the
device is in the presence of a continuous LF field. The
HCS412 must be RESET, remove and reapply the LF
field, to activate another transmission.
The button status used in the code hopping transmis-
sion indicates a proximity activation by clearing the S0,
S1 and S2 button activation flags.
FIGURE 4-15: PROXIMITY ACTIVATION
Command
Description
Expected data In
Response
11100
Enable default IFF communication
None
None
Communication from reader to HCS412
Communication from HCS412 to reader
ACK
pulses
Inductive Comms
RF Comms
TATO
Activate
Field
ACK
Delay to
Command
Command
Delay
Next Command
Command
Start
2 LFTE
LFSP1:0
Description
00
No special options enabled
01
Anticollision enabled (Section 4.3.1)
10
Proximity Activation enabled
11
Anticollision and RF Echo enabled
DATA (RF)
ACK
LF Communication from reader to HCS412
LF Communication from HCS412 to reader
Inductive
(LF)
No command received from
reader for 255 LFTE.
Transmit hopping code for 2
seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com