Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412SN Datasheet(PDF) 29 Page - Microchip Technology

Part # HCS412SN
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412SN Datasheet(HTML) 29 Page - Microchip Technology

Back Button HCS412SN Datasheet HTML 25Page - Microchip Technology HCS412SN Datasheet HTML 26Page - Microchip Technology HCS412SN Datasheet HTML 27Page - Microchip Technology HCS412SN Datasheet HTML 28Page - Microchip Technology HCS412SN Datasheet HTML 29Page - Microchip Technology HCS412SN Datasheet HTML 30Page - Microchip Technology HCS412SN Datasheet HTML 31Page - Microchip Technology HCS412SN Datasheet HTML 32Page - Microchip Technology HCS412SN Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41099C-page 29
HCS412
4.4.3
INTELLIGENT DAMPING (IDAMP)
A high Q-factor LC antenna circuit connected to the
HCS412 will continue to resonate after a strong LF field
is removed, slowly decaying. The slow decay makes
fast communication near the reader difficult as data bit
low times disappear.
If the Intelligent Damping option is enabled, the
HCS412 will clamp the LC pins through a 2 k
Ω resistor
for 5
µs every 1/4 LFTE, whenever the HCS412 is
expecting data from the transponder reader. The intel-
ligent damping pulses start 12.5 LFTE after the
Acknowledge sequence is complete and continue for
12.5 LFTE. If the HCS412 detects data from the reader
while sending out damping pulses, it will continue to
send the damping pulses.
TABLE 4-11:
INTELLIGENT DAMPING
(IDAMP)
FIGURE 4-19: INTELLIGENT DAMPING
TABLE 4-12:
LF TIMING SPECIFICATIONS
IDAMP
Description
0
Intelligent damping enabled
1
Intelligent damping disabled
12.5 LFTE
12.5 LFTE
5
µs
1/4 LFTE
5
µs
DAMP PULSES
Bit From
reader
Field
ACK
Parameter
Symbol
Min.
Typ.
Max.
Units
Time Element
IFFB = 0
IFFB = 1
LFTE
180
90
200
100
220
110
µs
Power-up Time
TPU
4.2
6
7.8
ms
Acknowledge to Opcode Time
TATO
13
LFTE
PPM Command Bit Time
Data = 0
Data = 1
TBITC
—
—
4
6
—
—
LFTE
PPM Response Bit Time
Data = 0
Data = 1
TBITR
—
—
2
3
—
—
LFTE
Read Response Time
TRT
—13—
LFTE
IFF Response Time
TIT
3.87
4.3
4.73
ms
Opcode to Data Input Time
TOTD
2.6
—
—
ms
Transport Code to Data Input Time
TTTD
2.2
—
—
ms
Encoder Select Acknowledge Time
TESA
—LFTE+100
—
µs
IFF EEPROM Write Time (16 bits)
TWR
—30—
ms
Op Code to Hop Code Response Time
TOTH
10.26
11.4
12.54
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com