Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC0730LR20C Datasheet(PDF) 1 Page - Kemet Corporation

Part # MPC0730LR20C
Description  Power, MPC, 200 nH, 25%
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

MPC0730LR20C Datasheet(HTML) 1 Page - Kemet Corporation

  MPC0730LR20C Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 0a8e93dd-e32d-436c-931c-aaf737f24c8d
KEMET Part Number: MPC0730LR20C
(UPIA0730LR20C0)
Power, MPC, 200 nH, 25%
Dimensions
Chip Size
3126
L
8mm MAX
W
6.7mm +/-0.3mm
T
4mm MAX
LL
1.5mm NOM
G
2mm +/-0.3mm
Packaging Specifications
Packaging: T&R, 330mm
Packaging Quantity: 1000
General Information
Style: SMD Chip
Series: MPC
Description: Shielded, Surface Mount
Inductor
Features: High Speed, Large Current DC/
DC Converter
RoHS: Yes
Core: Composite
Specifications
Inductance: 0.2 uH (0.1 MHz)
Inductance Tolerance: 25%
Temperature Range: -20/+120C
Shielded: Yes
Current:
17500 mAmps (Isat, 20% Drop
In Inductance), 23000 mAmps
(Irms, 40C Rise By Self Heating)
DC Resistance: 1.2 mOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - MPC0730LR20C

ManufacturerPart #DatasheetDescription
logo
NEC
MPC0740LR42C NEC-MPC0740LR42C Datasheet
2Mb / 104P
Power Inductors
logo
Kemet Corporation
MPC0740LR42C KEMET-MPC0740LR42C Datasheet
69Kb / 1P
Power, MPC, 420 nH, 20%
logo
NEC
MPC0750LR60C NEC-MPC0750LR60C Datasheet
2Mb / 104P
Power Inductors
logo
Kemet Corporation
MPC0750LR60C KEMET-MPC0750LR60C Datasheet
69Kb / 1P
Power, MPC, 600 nH, 20%
MPC0750LR68C KEMET-MPC0750LR68C Datasheet
69Kb / 1P
Power, MPC, 680 nH, 20%
More results

Similar Description - MPC0730LR20C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPC0740LR42C KEMET-MPC0740LR42C Datasheet
69Kb / 1P
Power, MPC, 420 nH, 20%
MPC0750LR60C KEMET-MPC0750LR60C Datasheet
69Kb / 1P
Power, MPC, 600 nH, 20%
MPC0750LR68C KEMET-MPC0750LR68C Datasheet
69Kb / 1P
Power, MPC, 680 nH, 20%
MPC1040LR36C KEMET-MPC1040LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
MPC1040LR45C KEMET-MPC1040LR45C Datasheet
68Kb / 1P
Power, MPC, 450 nH, 20%
MPC1040LR56C KEMET-MPC1040LR56C Datasheet
69Kb / 1P
Power, MPC, 560 nH, 20%
MPC1040LR88C KEMET-MPC1040LR88C Datasheet
69Kb / 1P
Power, MPC, 880 nH, 20%
MPC1055L1R0C KEMET-MPC1055L1R0C Datasheet
68Kb / 1P
Power, MPC, 1000 nH, 20%
MPC1055LR36C KEMET-MPC1055LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
MPC1250LR36C KEMET-MPC1250LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com