Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRK.26 Datasheet(PDF) 1 Page - International Rectifier

Part # IRK.26
Description  ADD-A-pakTM GEN V Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK.26 Datasheet(HTML) 1 Page - International Rectifier

  IRK.26 Datasheet HTML 1Page - International Rectifier IRK.26 Datasheet HTML 2Page - International Rectifier IRK.26 Datasheet HTML 3Page - International Rectifier IRK.26 Datasheet HTML 4Page - International Rectifier IRK.26 Datasheet HTML 5Page - International Rectifier IRK.26 Datasheet HTML 6Page - International Rectifier IRK.26 Datasheet HTML 7Page - International Rectifier IRK.26 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameters
IRK.26
Units
I
T(AV)
or I
F(AV)
@ 85°C
I
O(RMS)
(*)
60
A
I
TSM
@ 50Hz
400
A
I
FSM
@ 60Hz
420
A
I
2t @ 50Hz
800
A
2s
@ 60Hz
730
A
2s
I
2√t
8000
A
2√s
V
RRM
range
400 to 1600
V
T
STG
- 40 to 125
oC
TJ
- 40 to125
oC
(*) As AC switch.
27
A
Major Ratings and Characteristics
27 A
ADD-A-pakTM GEN V Power Modules
THYRISTOR/ DIODE and
THYRISTOR/ THYRISTOR
IRK.26 SERIES
Bulletin I27130 rev. G 10/02
1
www.irf.com
Features
High Voltage
Industrial Standard Package
Thick Al metal die and double stick bonding
Thick copper baseplate
UL E78996 approved
3500V
RMS isolating voltage
Mechanical Description
The Generation V of Add-A-pak module combine the
excellent thermal performance obtained by the usage of
Direct Bonded Copper substrate with superior
mechanical ruggedness, thanks to the insertion of a solid
Copper baseplate at the bottom side of the device.
The Cu baseplate allow an easier mounting on the
majority of heatsink with increased tolerance of surface
roughness and improve thermal spread.
The Generation V of AAP module is manufactured without
hard mold, eliminating in this way any possible direct
stress on the leads.
Benefits
Up to 1600V
Full compatible TO-240AA
High Surge capability
Easy Mounting on heatsink
Al
203 DBC insulator
Heatsink grounded
Electrical Description
These modules are intended for general purpose
high voltage applications such as high voltage regu-
lated power supplies, lighting circuits, temperature
and motor speed control circuits, UPS and battery
charger.
The electrical terminals are secured against axial pull-out:
they are fixed to the module housing via a click-stop feature
already tested and proved as reliable on other IR modules.


Similar Part No. - IRK.26

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.230 IRF-IRK.230 Datasheet
157Kb / 6P
SCR / SCR and SCR / DIODE
IRK.236 IRF-IRK.236 Datasheet
328Kb / 12P
STANDARD RECOVERY DIODES
IRK.236 IRF-IRK.236 Datasheet
325Kb / 12P
STANDARD RECOVERY DIODES
IRK.250 IRF-IRK.250 Datasheet
157Kb / 6P
SCR / SCR and SCR / DIODE
More results

Similar Description - IRK.26

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKC91 IRF-IRKC91 Datasheet
109Kb / 7P
ADD-A-pak GEN V Power Modules
IRKE56 IRF-IRKE56 Datasheet
173Kb / 9P
ADD-A-pak GEN V Power Modules
IRKV105 IRF-IRKV105 Datasheet
117Kb / 8P
ADD-A-pak GEN V Power Modules THYRISTOR/ THYRISTOR
IRK91 IRF-IRK91 Datasheet
109Kb / 7P
ADD-A-pak GEN V Power Modules
IRK-71 IRF-IRK-71 Datasheet
238Kb / 10P
ADD - A - pak-TM GEN V Power Modules
IRK2.6 IRF-IRK2.6 Datasheet
155Kb / 8P
ADD-A-pak-TM GEN V Power Modules
IRK71 IRF-IRK71 Datasheet
244Kb / 10P
ADD-A-pak GEN V Power Modules
IRKU41 IRF-IRKU41 Datasheet
178Kb / 9P
ADD-A-pakTM GEN V Power Modules
IRK.41 IRF-IRK.41 Datasheet
233Kb / 10P
ADD-A-pakTM GEN V Power Modules
IRKU105 IRF-IRKU105 Datasheet
121Kb / 8P
ADD-A-pakTM GEN V Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com