Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRK.26 Datasheet(PDF) 2 Page - International Rectifier

Part # IRK.26
Description  ADD-A-pakTM GEN V Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK.26 Datasheet(HTML) 2 Page - International Rectifier

  IRK.26 Datasheet HTML 1Page - International Rectifier IRK.26 Datasheet HTML 2Page - International Rectifier IRK.26 Datasheet HTML 3Page - International Rectifier IRK.26 Datasheet HTML 4Page - International Rectifier IRK.26 Datasheet HTML 5Page - International Rectifier IRK.26 Datasheet HTML 6Page - International Rectifier IRK.26 Datasheet HTML 7Page - International Rectifier IRK.26 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRK.26 Series
2
Bulletin I27130 rev. G 10/02
www.irf.com
V
RRM
, maximum
V
RSM
, maximum
V
DRM
, max. repetitive
I
RRM
Voltage
repetitive
non-repetitive
peak off-state voltage,
IDRM
Code
peak reverse voltage
peak reverse voltage
gate open circuit
125°C
-
VVV
mA
04
400
500
400
06
600
700
600
08
800
900
800
IRK.26
10
1000
1100
1000
15
12
1200
1300
1200
14
1400
1500
1400
16
1600
1700
1600
I
T(AV)
Max. average on-state
current (Thyristors)
27
180o conduction, half sine wave,
I
F(AV)
Max. average forward
27
T
C
= 85oC
current (Diodes)
I
O(RMS)
Max. continuous RMS
on-state current.
As AC switch
I
TSM
Max. peak, one cycle
400
t=10ms
No voltage
or
non-repetitive on-state
420
t=8.3ms
reapplied
I
FSM
or forward current
335
t=10ms
100% V
RRM
350
t=8.3ms
reapplied
470
t=10ms
T
J
= 25oC,
490
t=8.3ms
no voltage reapplied
I
2t
Max. I
2t for fusing
800
t=10ms
No voltage
730
t=8.3ms
reapplied
560
t=10ms
100% V
RRM
510
t=8.3ms
reapplied
1100
t=10ms
T
J
= 25oC,
1000
t=8.3ms
no voltage reapplied
I
2
√t
Max. I
2
√t for fusing (1)
8000
A
2
√s
t=0.1to10ms,no voltage reappl. TJ=TJ max
V
T(TO)
Max. value of threshold
0.92
Low level (3)
voltage (2)
0.95
High level (4)
r
t
Max. value of on-state
12.11
Low level (3)
slope resistance (2)
11.82
High level (4)
V
TM
Max. peak on-state or
I
TM
=
πxI
T(AV)
T
J
= 25oC
V
FM
forward voltage
I
FM
=
πxI
F(AV)
di/dt
Max. non-repetitive rate
T
J
= 25oC, from 0.67 V
DRM
,
of rise of turned on
150
A/µs
I
TM
=
π x I
T(AV),
I
g
= 500mA,
current
tr < 0.5 µs, tp > 6 µs
I
H
Max. holding current
200
T
J
= 25oC, anode supply = 6V,
resistive load, gate open circuit
IL
Max. latching current
400
TJ= 25
oC, anode supply = 6V, resistive load
T
J
= T
J
max
TJ = TJ max
Parameters
IRK.26
Units
Conditions
60
(1) I
2t for time t
x
= I2
√t x √t
x
(2) Average power
= V
T(TO)
x I
T(AV)
+ r
t
x (I
T(RMS)
)
2
(3) 16.7% x
π x I
AV
< I <
π x I
AV
(4) I >
π x I
AV
On-state Conduction
Initial T
J
= T
J
max.
A
A
2s
V
m
Ω
1.95
V
mA
or
I
(RMS)
I
(RMS)
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Type number
Sinusoidal
half wave,
Initial T
J
= T
J
max.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com