Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S16 Datasheet(PDF) 19 Page - E-CMOS Corporation

Part # ECT25S16
Description  16M BIT SPI NOR FLASH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S16 Datasheet(HTML) 19 Page - E-CMOS Corporation

Back Button ECT25S16 Datasheet HTML 15Page - E-CMOS Corporation ECT25S16 Datasheet HTML 16Page - E-CMOS Corporation ECT25S16 Datasheet HTML 17Page - E-CMOS Corporation ECT25S16 Datasheet HTML 18Page - E-CMOS Corporation ECT25S16 Datasheet HTML 19Page - E-CMOS Corporation ECT25S16 Datasheet HTML 20Page - E-CMOS Corporation ECT25S16 Datasheet HTML 21Page - E-CMOS Corporation ECT25S16 Datasheet HTML 22Page - E-CMOS Corporation ECT25S16 Datasheet HTML 23Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 19 of 45
5B05N-Rev.F001
ECT25S16
16M BIT SPI NOR FLASH
Fast Read (0BH)
See Figure 11, the Read Data Bytes at Higher Speed (Fast Read) instruction is for quickly
Reading data out. It is followed by a 3-byte address (A23-A0) and a dummy byte, each bit
being latched-in during the rising edge of SCLK. Then the memory content, at that address, is
shifted out on SO, each bit being shifted out, at a Max frequency fc, during the falling edge of
SCLK. The first byte addressed can be at any location. The address is automatically
incremented to
the next higher address after each byte of data is shifted out.
Figure 11. Fast Read Sequence Diagram
Dual Output Fast Read (3BH)
See Figure 12, the Dual Output Fast Read instruction is followed by 3-byte address (A23-A0)
and a dummy byte, each bit being latched in during the rising edge of SCLK, then the memory
contents are shifted out 2-bit per clock cycle from SI and SO. The first byte addressed can be
at any location.
The address is automatically incremented to the next higher address after each byte of data
Is shifted out.
Figure 12. Dual Output Fast Read Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com