Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S16 Datasheet(PDF) 27 Page - E-CMOS Corporation

Part # ECT25S16
Description  16M BIT SPI NOR FLASH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S16 Datasheet(HTML) 27 Page - E-CMOS Corporation

Back Button ECT25S16 Datasheet HTML 23Page - E-CMOS Corporation ECT25S16 Datasheet HTML 24Page - E-CMOS Corporation ECT25S16 Datasheet HTML 25Page - E-CMOS Corporation ECT25S16 Datasheet HTML 26Page - E-CMOS Corporation ECT25S16 Datasheet HTML 27Page - E-CMOS Corporation ECT25S16 Datasheet HTML 28Page - E-CMOS Corporation ECT25S16 Datasheet HTML 29Page - E-CMOS Corporation ECT25S16 Datasheet HTML 30Page - E-CMOS Corporation ECT25S16 Datasheet HTML 31Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 27 of 45
5B05N-Rev.F001
ECT25S16
16M BIT SPI NOR FLASH
Deep Power-Down (B9H)
Although
the standby current during normal operation is relatively low, standby current can
Be further reduced with the Deep Power-down instruction. The lower power consumption
makes the Deep Power-down (DPD) instruction especially useful for battery powered
applications (see ICC1 and ICC2). The instruction is initiated by driving the /CS pin low and
shifting the instruction code “
B9h” as shown in Figure 22.
The /CS pin must be driven high after the eighth bit has been latched. If this is not done the
Deep Power down instruction will not be executed. After /CS is driven high, the power-down
state will entered within the time duration of tDP. While in the power-down state only the
Release from Deep Power-down / Device ID instruction, which restores the device to normal
operation,will be recognized. All other Instructions are ignored. This includes the Read Status
Register instruction, which is always available during normal operation. Ignoring all but one
instruction also makes the Power Down state a useful condition for securing
maximum
write protection.The device always powers-up in the normal operation with the standby current
of ICC1.
Figure 22. Deep Power-Down Sequence Diagram
Release from Deep Power-Down/Read Device ID (ABH)
The Release from Power-Down or Device ID instruction is a multi-purpose instruction. It can
Be used to release the device from the Power-Down state or obtain the devices electronic
identification (ID) number.
See Figure23a, to release the device from the Power-Down state, the instruction is issued by
driving the /CS pin low, shifting the ins
truction code “ABH” and driving /CS high Release from
Power-Down will
take the time duration of
tRES1 (See AC Characteristics) before the
device will resume normal operation and other instruction are accepted. The /CS pin must
remain high during the tRES1 time duration.
When used only to obtain the Device ID while not in the Power-Down state, the instruction is
initiated by driving the /CS
pin low and shifting the instruction code “ABH” followed by 3-
dummy byte. The Device ID bits are then shifted out on the falling edge of SCLK with most
significant bit(MSB) first as shown in Figure 23b. The DeviceID value is listed in Manufacturer
and Device Identification table.The Device ID can be read continuously. The instruction is
completed by driving /CS high.
When used to release the device from the Power-Down state and obtain the Device ID, the
instruction is the same as previously described, and shown in Figure 23b, except that after /CS
is driven high it must remain high for a time duration of tRES2 (See AC Characteristics). After
this time duration the device will resume normal operation and other instruction will be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com