Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0520WS Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # B0520WS
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

B0520WS Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  B0520WS Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd B0520WS Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES B0520WS THRU B0540WS
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
10
100
Fig.4 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles at 50Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
01
02
03
04
05
06
00
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
T =25
J
°C
T =75
J
°C
T =100
J
°C
Percent of Rated Peak Reverse Voltage
(%)
100
10 0
101
10 2
10 3
10 4
Fig.1 Forward Current Derating Curve
0.10
0.20
0.30
0.40
0.50
0.60
0.00
25
50
75
100
125
150
Single phase half-wave 60 Hz
resistive or inductive load
Case Temperature (
°C)
Fig.3 Forward Characteristics
0.2
0.4
0.6
0.8
0
FORWARD VOLTAGE VF(V)
1.0
0.01
0.1
10
1.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com