Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0520WS Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # B0520WS
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

B0520WS Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  B0520WS Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd B0520WS Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B0520WS THRU B0540WS
SCHOTTKY BARRIER RECTIFIERS
Case: SOD-323
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Marking: B0520WS:SD, B0530WS:SE, B0540WS:SF
FEATURES
MECHANICAL DATA
For use in low voltage, high frequency inverters
Free wheeling, and polanty protection applications
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load (JEDEC method)
Parameter
Peak Repetitive Reverse Voltage
Maximum Average Forward Current at Ta=25
℃
Maximum Instantaneous Forward Voltage
VRRM
IO
VF
IFSM
RθJA
IR
30
V
0.5
A
A
0.33
75
-55 ~ +125
V
uA
V
°C/W
Tj
Symbols
Units
Maximum Ratings and Electrical characteristics
Ratings at
ambient temperature unless otherwise specified.
25
°C
5.5
Reverse current
Thermal Resistance, Junction to Ambient Air
Junction temperature
B0520WS
500
B0530WS
B0540WS
20
40
RMS reverse voltage reverse voltage (DC)
Maximum DC Blocking Voltage
VRMS
VDC
30
V
20
40
21
V
14
28
IF=0.1A
IF=0.5A
IF=1A
0.39
–
0.36
0.45
–
–
0.51
0.62
VR=10V
VR=15V
VR=20V
VR=30V
VR=40V
–
–
–
75
–
250
10
100
500
20
–
–
–
–
-55 ~ +150
V
Tstg
Storage temperature
SOD-323
Dimensions in millimeters and (inches)
1.40(0.055)
1.20(0.047)
1.10(.043)
0.80(.032)
.045(.016)
.15(.0059)
.08(.0031)
0.4(0.016)
0.25(0.0098)
1.80(0.07)
1.40(0.063)
2.75(0.108)
2.55(0.100)
.020(.0079)


Similar Part No. - B0520WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
63Kb / 2P
0.4 amp Schottky Low Forward Voltage Rectifier: B0520WS -- First SOD-323 Rectifier Product
B0520WS DIODES-B0520WS Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30235 Rev. 10 - 2
logo
Taiwan Semiconductor Co...
B0520WS TSC-B0520WS Datasheet
51Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
B0520WS TSC-B0520WS Datasheet
243Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 12 - 2 June 2008
More results

Similar Description - B0520WS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com