Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF356 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF356
Description  JFET Input Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF356 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LF356 Datasheet HTML 6Page - National Semiconductor (TI) LF356 Datasheet HTML 7Page - National Semiconductor (TI) LF356 Datasheet HTML 8Page - National Semiconductor (TI) LF356 Datasheet HTML 9Page - National Semiconductor (TI) LF356 Datasheet HTML 10Page - National Semiconductor (TI) LF356 Datasheet HTML 11Page - National Semiconductor (TI) LF356 Datasheet HTML 12Page - National Semiconductor (TI) LF356 Datasheet HTML 13Page - National Semiconductor (TI) LF356 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Detailed Schematic
00564613
*C = 3pF in LF357 series.
Connection Diagrams (Top Views)
Metal Can Package (H)
00564614
Order Number LF155H, LF156H, LF256H, LF257H,
LF356BH, LF356H, or LF357H
See NS Package Number H08C
*Available per JM38510/11401 or JM38510/11402
Dual-In-Line Package (M and N)
00564629
Order Number LF356M, LF356MX, LF355N, or LF356N
See NS Package Number M08A or N08E
Application Hints
These are op amps with JFET input devices. These JFETs
have large reverse breakdown voltages from gate to source
and drain eliminating the need for clamps across the inputs.
Therefore large differential input voltages can easily be ac-
commodated without a large increase in input current. The
maximum differential input voltage is independent of the
supply voltages. However, neither of the input voltages
should be allowed to exceed the negative supply as this will
cause large currents to flow which can result in a destroyed
unit.
Exceeding the negative common-mode limit on either input
will force the output to a high state, potentially causing a
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com