Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF356 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF356
Description  JFET Input Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF356 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LF356 Datasheet HTML 1Page - National Semiconductor (TI) LF356 Datasheet HTML 2Page - National Semiconductor (TI) LF356 Datasheet HTML 3Page - National Semiconductor (TI) LF356 Datasheet HTML 4Page - National Semiconductor (TI) LF356 Datasheet HTML 5Page - National Semiconductor (TI) LF356 Datasheet HTML 6Page - National Semiconductor (TI) LF356 Datasheet HTML 7Page - National Semiconductor (TI) LF356 Datasheet HTML 8Page - National Semiconductor (TI) LF356 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required, contact the National Semiconductor Sales Office/Distributors for
availability and specifications.
LF155/6
LF256/7/LF356B
LF355/6/7
Supply Voltage
±22V
±22V
±18V
Differential Input Voltage
±40V
±40V
±30V
Input Voltage Range (Note 2)
±20V
±20V
±16V
Output Short Circuit Duration
Continuous
Continuous
Continuous
T
JMAX
H-Package
150˚C
115˚C
115˚C
N-Package
100˚C
100˚C
M-Package
100˚C
100˚C
Power Dissipation at T
A = 25˚C (Notes
1, 8)
H-Package (Still Air)
560 mW
400 mW
400 mW
H-Package (400 LF/Min Air Flow)
1200 mW
1000 mW
1000 mW
N-Package
670 mW
670 mW
M-Package
380 mW
380 mW
Thermal Resistance (Typical)
θ
JA
H-Package (Still Air)
160˚C/W
160˚C/W
160˚C/W
H-Package (400 LF/Min Air Flow)
65˚C/W
65˚C/W
65˚C/W
N-Package
130˚C/W
130˚C/W
M-Package
195˚C/W
195˚C/W
(Typical)
θ
JC
H-Package
23˚C/W
23˚C/W
23˚C/W
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
−65˚C to +150˚C
Soldering Information (Lead Temp.)
Metal Can Package
Soldering (10 sec.)
300˚C
300˚C
300˚C
Dual-In-Line Package
Soldering (10 sec.)
260˚C
260˚C
260˚C
Small Outline Package
Vapor Phase (60 sec.)
215˚C
215˚C
Infrared (15 sec.)
220˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of
soldering surface mount devices.
ESD tolerance
(100 pF discharged through 1.5k
Ω)
1000V
1000V
1000V
DC Electrical Characteristics
(Note 3)
Symbol
Parameter
Conditions
LF155/6
LF256/7
LF356B
LF355/6/7
Units
Min
Typ
Max Min
Typ
Max Min
Typ
Max
V
OS
Input Offset Voltage
R
S=50Ω,TA=25˚C
3
5
3
5
3
10
mV
Over Temperature
7
6.5
13
mV
∆V
OS/∆T
Average TC of Input
Offset Voltage
R
S=50Ω
5
5
5
µV/˚C
∆TC/∆V
OS
Change in Average TC
with V
OS Adjust
R
S=50Ω, (Note 4)
0.5
0.5
0.5
µV/˚C
per mV
I
OS
Input Offset Current
T
J=25˚C, (Notes 3, 5)
3
20
3
20
3
50
pA
T
J≤THIGH
20
1
2
nA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com