Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27DS-R-PC-CF Datasheet(PDF) 5 Page - DDK Ltd.

Part # 27DS-R-PC-CF
Description  SMC Type Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

27DS-R-PC-CF Datasheet(HTML) 5 Page - DDK Ltd.

  27DS-R-PC-CF Datasheet HTML 1Page - DDK Ltd. 27DS-R-PC-CF Datasheet HTML 2Page - DDK Ltd. 27DS-R-PC-CF Datasheet HTML 3Page - DDK Ltd. 27DS-R-PC-CF Datasheet HTML 4Page - DDK Ltd. 27DS-R-PC-CF Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Unit:mm
http://www.ddknet.co.jp
27DS Series
5
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
○ Assembly Instruction(2)
23
Ferrule
Ferrule
2.5
2.5
Sheath
 Outer Conductor
Center Conductor
Center Conductor
Soldering
Insulator ①
Insulator ②
Boot
① Remove outer covering.
Insert the boot into the cable and cut the cable as fig.1.
 Please be careful to not damage the outer conductor.
② Insert Ferrule
(1) 1.5D-2V and 1.5D-QEV, an application cable
puts a ferrule in inside outside covering.
(2)Application cable is RG-196A/U, a ferrule inserts
until bump against covering outside the cable.
③ Stretched to loosen the cable braid, covers the extent
to Trim the outer ferrule wrap.
 Central Conductor isn't damaged, the insulator of the
 cable is cut and removed like next becoming the size as
fig.3.
 
Put a thermal contraction tube through the of the
 cable Put the tip of the center conductor through
 the hole of the main body of connector.The part
 where covered a ferrule with and braiding is inserted
 until bump in the connector body, crimp in the same
 way as the above using an exclusive tool.
Insulator(1) is shown into a central conductor of a
cable and inserted in the connector, and makes sure
that the of the Insulator(1) will fit into the insulator of
the cable.
sure that pulling the loose end of the center conductor
 length of 1.5mm to be the size of the tip Cut the pre-
 soldering.
 Central contact is forced and pays attention and   
 solders so that I may hit an insulator(1) closely.
Maintain insulator ② for a contact; is the main body
of combination department on the top protests and
tightens it with a spanner firmly. 
Cover it with a heatshrinkage Boot like a left-hand
figure and fix it. 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com