Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27DS-R-PC-CF Datasheet(PDF) 1 Page - DDK Ltd.

Part # 27DS-R-PC-CF
Description  SMC Type Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

27DS-R-PC-CF Datasheet(HTML) 1 Page - DDK Ltd.

  27DS-R-PC-CF Datasheet HTML 1Page - DDK Ltd. 27DS-R-PC-CF Datasheet HTML 2Page - DDK Ltd. 27DS-R-PC-CF Datasheet HTML 3Page - DDK Ltd. 27DS-R-PC-CF Datasheet HTML 4Page - DDK Ltd. 27DS-R-PC-CF Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
27DS Series
SMC Type Coaxial Connector
RoHS
Compliant
RoHS
Compliant
121226
Frequency
Range
DC to 1GHz
Characteristic
Impedance
50 Ω
FEATURE
SPECIFICATIONS
MATERIAL/FINISH
* The specifications are typical but may not apply to all connectors. Please check
  the specifications on each item with its drawing from us when you use.
 Characteristic Impedance
 50 Ω
 Rated Voltage
335VAC(r.m.s.) 
 Dielectric Withstanding Voltage  1,000V AC(r.m.s.) for 1minute
 Insulation Resistance
 1,000M Ω min. at 500V DC
 Contact Resistance
 6m Ω max.
 V.S.W.R.
 1.2 max. at DC to 1GHz
Operating Temperature
-40 〜 +85℃
CONFORMING STANDARD
MIL−PRF−39012
◆ 27DS series are connectors produced based on
SMC type (Sub miniature type C) specified inMIL-PRF-39012.
◆ Super small size coaxial cable connectors for 50 Ω group corresponding
to minimization of communication equipment.
◆ Recommendation coupling torque : 24.5 ~ 35.3 N・cm
Item
Material / Finish
Shell (Body)
Copper Alloy / Ni or Au Plating
Contact (Male)
Copper Alloy / Au Plating
Contact (Female)
Copper Alloy / Au Plating
Insulator
PTFE
※ Please ask us for the cable assemblies to assure its performance.


Similar Part No. - 27DS-R-PC-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
27DS-R-PC DDK-27DS-R-PC Datasheet
153Kb / 3P
SMC Type Connectors
More results

Similar Description - 27DS-R-PC-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
27DS DDK-27DS Datasheet
153Kb / 3P
SMC Type Connectors
27DP-P-1.5QEV-AA-CF DDK-27DP-P-1.5QEV-AA-CF Datasheet
501Kb / 9P
SMB Type Coaxial Connector
logo
Huber+Suhner, Inc.
11_SMC-50-1-10111_N HUBERSUHNER-11_SMC-50-1-10111_N Datasheet
249Kb / 2P
COAXIAL CONNECTOR, SMC, 50 Ohm, Straight cable plug (male)
11_SMC-50-2-10111_N HUBERSUHNER-11_SMC-50-2-10111_N Datasheet
156Kb / 2P
COAXIAL CONNECTOR, SMC, 50 Ohm, Straight cable plug (male)
11_SMC-50-2-10133_N HUBERSUHNER-11_SMC-50-2-10133_N Datasheet
156Kb / 2P
COAXIAL CONNECTOR, SMC, 50 Ohm, Straight cable plug (male)
11_SMC-50-2-11111_N HUBERSUHNER-11_SMC-50-2-11111_N Datasheet
249Kb / 2P
COAXIAL CONNECTOR, SMC, 50 Ohm, Straight cable plug (male)
11_SMC-50-2-13111_N HUBERSUHNER-11_SMC-50-2-13111_N Datasheet
151Kb / 2P
COAXIAL CONNECTOR, SMC, 50 Ohm, Straight cable plug (male)
16_SMC-50-2-10111_N HUBERSUHNER-16_SMC-50-2-10111_N Datasheet
279Kb / 2P
COAXIAL CONNECTOR, SMC, 50 Ohm, Right angle cable plug (male)
16_SMC-50-2-11133_N HUBERSUHNER-16_SMC-50-2-11133_N Datasheet
180Kb / 2P
COAXIAL CONNECTOR, SMC, 50 Ohm, Right angle cable plug (male)
16_SMC-50-2-26HP_N HUBERSUHNER-16_SMC-50-2-26HP_N Datasheet
284Kb / 2P
COAXIAL CONNECTOR, SMC, 50 Ohm, Right angle cable plug (male)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com