Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC221 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC221
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC221 Datasheet(HTML) 5 Page - Linear Technology

  LTC221 Datasheet HTML 1Page - Linear Technology LTC221 Datasheet HTML 2Page - Linear Technology LTC221 Datasheet HTML 3Page - Linear Technology LTC221 Datasheet HTML 4Page - Linear Technology LTC221 Datasheet HTML 5Page - Linear Technology LTC221 Datasheet HTML 6Page - Linear Technology LTC221 Datasheet HTML 7Page - Linear Technology LTC221 Datasheet HTML 8Page - Linear Technology LTC221 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC221/LTC222
5
2212fa
Switching Time Test Circuit
Switch output waveform shown for VS = constant with
logic input waveform as shown. Note that VS may be (+)
or (–) as per switching time test circuit. VO is the steady
APPLICATIO S I FOR ATIO
state output switch on. Feedthrough via gate capacitance
may result in spikes at leading and trailing edge of output
waveform.
CCRR-Channel to Channel Crosstalk Test Circuit
Switching Time Test Circuit
Charge Injection Test Circuit
OIRR-Off Isolation Test Circuit
LTC221/222 • AI01
VS
OV
OV
OV
3V
3V
LTC222
LOGIC INPUT
tr < 20ns
tr < 20ns
LTC221
LOGIC INPUT
tr < 20ns
tr < 20ns
SWITCH
INPUT
SWITCH
OUTPUT
50%
50%
VO
0.9
0.9
LOGIC "0" = SW ON
LOGIC "1" = SW ON
VO
tON
tOFF
LTC221/222 • AI02
S1
D1
(REPEAT TEST FOR IN2, IN3 AND IN4)
VO
CL
35pF
RL
1k
RL
RL+ RDS(ON)
VO = VS
IN1
SWITCH
OUTPUT
SWITCH
INPUT
LOGIC
INPUT
VS = 2V
LTC221/222 • AI03
SX
RGEN
VGEN
DX
INX
VO
CL = 1000pF
LTC221/222 • AI04
OV
OV
3V
3V
VO
LTC221 INX
LTC222 INX
∆VO
∆VO IS THE MEASURED VOLTAGE ERROR DUE TO CHARGE INJECTION.
THE ERROR VOLTAGE IN COULOMBS IS ∆Q = VL • ∆VO
OFF
OFF
ON
ON
ON
ON
LTC221/222 • AI05
VS V+
V–
C
OIRR = 20 LOG
C = 0.001µF//0.1µF
CHIP CAPACITORS
SIGNAL
GENERATOR
C
15V
–15V
VD
GND
VIN
INX
VS
VD
RL
1k
VS = 2VP-P
f = 100kHz
CHAN A
ANALYZER
CHAN B
LTC221/222 • AI06
VS1 V
+
V–
C
OIRR = 20 LOG
C = 0.001µF//0.1µF
CHIP CAPACITORS
SIGNAL
GENERATOR
C
NC
50Ω
15V
–15V
VD2
VS2
VD1
VL
GND
VIN
VIN
IN2
IN1
VS1
VD2
RL
1k
VS = 2Vp-p
f = 100kHz
CHAN A
ANALYZER
CHAN B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com