Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC221 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC221
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC221 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC221 Datasheet HTML 2Page - Linear Technology LTC221 Datasheet HTML 3Page - Linear Technology LTC221 Datasheet HTML 4Page - Linear Technology LTC221 Datasheet HTML 5Page - Linear Technology LTC221 Datasheet HTML 6Page - Linear Technology LTC221 Datasheet HTML 7Page - Linear Technology LTC221 Datasheet HTML 8Page - Linear Technology LTC221 Datasheet HTML 9Page - Linear Technology LTC221 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC221/LTC222
6
2212fa
In-Circuit ESD Test Circuit
APPLICATIO S I FOR ATIO
LTC221/222 • TA07
LTC221/
LTC222
GND
V–
–15V
15V
1.5k
ANY SOURCE OR DRAIN PIN
ESD TESTER
POWER APPLIED
OR OPEN CIRCUT
PER MIL-STD-883C
METHOD 3015.2
±4kV
100pF
0.1µF
0.1µF
V+
S OR D
LTC221/222 • AI08
LTC221 IN
LTC222 IN
VS
VO
0V
0V
0V
0V
3V
3V
WR
3V
LOGIC INPUT
tr < 20ns
tr < 20ns
50%
50%
VO
0.9
0.9
VO
tON
tOFF
WR
WR
LTC221/222 • AI09
S1
D1
(REPEAT TEST FOR
IN2, IN3 AND IN4)
VO
CL
35pF
RL
1k
IN1
RL
RL+ rDS(ON)
VO = VS
SWITCH
OUTPUT
SWITCH
INPUT
LOGIC
INPUT
LOGIC
INPUT
VS = 2V
WR
V–
–15V
15V
V+
GND
OV
LTC221/222 • AI10
LTC221 IN
LTC222 IN
OV
OV
OV
3V
3V
3V
tDW
tWW
tWD
WR
1.5V
1.5V
0.8V
0.8V
2.4V
2.4V
WR Switching Time Test Circuit
WR Setup Conditions
WR/Input Minimum Timing Requirements
PARAMETER
MIN LIMIT
UNITS
tWW
Write Pulse Width
230
ns
tDW
Data Valid to Write
180
ns
tWD
Data Valid After Write
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com