Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6231CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT6231CS8
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6231CS8 Datasheet HTML 8Page - Linear Technology LT6231CS8 Datasheet HTML 9Page - Linear Technology LT6231CS8 Datasheet HTML 10Page - Linear Technology LT6231CS8 Datasheet HTML 11Page - Linear Technology LT6231CS8 Datasheet HTML 12Page - Linear Technology LT6231CS8 Datasheet HTML 13Page - Linear Technology LT6231CS8 Datasheet HTML 14Page - Linear Technology LT6231CS8 Datasheet HTML 15Page - Linear Technology LT6231CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT6230/LT6230-10/
LT6231/LT6232
12
sn623012 623012fas
TYPICAL PERFOR A CE CHARACTERISTICS
Noise Voltage and Unbalanced
Noise Current vs Frequency
0.1Hz to 10Hz Output Voltage
Noise
Gain Bandwidth and Phase Margin
vs Temperature
Open Loop Gain vs Frequency
Gain Bandwidth and Phase Margin
vs Supply Voltage
Slew Rate vs Temperature
Output Impedance vs Frequency
Common Mode Rejection Ratio vs
Frequency
Channel Separation vs Frequency
FREQUENCY (Hz)
6
5
4
3
2
1
0
10
1k
10k
100k
623012 G16
100
VS = ±2.5V
TA = 25°C
VCM = 0V
NOISE VOLTAGE
NOISE CURRENT
6
5
4
3
2
1
0
TEMPERATURE (
°C)
–55
5
623012 G18
–25
35
240
220
200
180
140
160
70
60
50
40
65
95
125
VS = ±5V
VS = 3V, 0V
VS = ±5V
VS = 3V, 0V
PHASE MARGIN
GAIN BANDWIDTH
CL = 5pF
RL = 1k
VCM = VS/2
FREQUENCY (Hz)
80
70
50
30
0
–10
60
40
10
20
–20
120
100
60
20
–60
80
40
–20
–40
0
–80
100k
10M
100M
1G
623012 G19
1M
CL = 5pF
RL = 1k
VCM = VS/2
PHASE
GAIN
VS = ±5V
VS = 3V, 0V
VS = ±5V
VS = 3V, 0V
TOTAL SUPPLY VOLTAGE (V)
0
6
623012 G20
24
8
220
240
200
180
140
160
70
60
50
40
10
12
14
PHASE MARGIN
GAIN BANDWIDTH
TA = 25°C
CL = 5pF
RL = 1k
TEMPERATURE (
°C)
–55
5
623012 G21
–35 –15
45
90
100
110
120
80
70
50
20
30
60
40
85
25
65
105 125
VS = ±5V FALLING
VS = ±2.5V RISING
AV = –1
RF = RG = 1k
VS = ±5V RISING
VS = ±2.5V FALLING
FREQUENCY (Hz)
1
10
100k
10M
100M
623012 G22
0.01
0.1
1M
1k
100
VS = 5V, 0V
AV = 10
AV = 1
AV = 2
FREQUENCY (Hz)
20
40
60
80
120
100
10k
100M
100k
1G
10M
623012 G23
0
1M
VS = 5V, 0V
VCM = VS/2
FREQUENCY (Hz)
100k
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1M
10M
100M
623012 G24
AV = 1
TA = 25°C
VS = ±5V
5s/DIV
623012 G17
100nV
–100nV
VS = ±2.5V
(LT6230/LT6231/LT6232)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com