Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6231CS8 Datasheet(PDF) 19 Page - Linear Technology

Part # LT6231CS8
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231CS8 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT6231CS8 Datasheet HTML 15Page - Linear Technology LT6231CS8 Datasheet HTML 16Page - Linear Technology LT6231CS8 Datasheet HTML 17Page - Linear Technology LT6231CS8 Datasheet HTML 18Page - Linear Technology LT6231CS8 Datasheet HTML 19Page - Linear Technology LT6231CS8 Datasheet HTML 20Page - Linear Technology LT6231CS8 Datasheet HTML 21Page - Linear Technology LT6231CS8 Datasheet HTML 22Page - Linear Technology LT6231CS8 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
sn623012 623012fas
LT6230/LT6230-10/
LT6231/LT6232
+
–
R2
732
Ω
R4
10k
C3
0.1
µF
EN
LT6230
f0 =
1
= 1MHz
C =
√C1C2, R = R1 = R2
f0 =
(732Ω)MHz, MAXIMUM f0 = 1MHz
f–3dB =
f0
AV = 20dB at f0
EN = 4µVRMS INPUT REFERRED
IS = 3.7mA FOR V
+ = 5V
623012 F03
0.1
µF
C2
47pF
C1
1000pF
R3
10k
R1
732
Ω
VOUT
V+
VIN
2
πRC
R
2.5
APPLICATIO S I FOR ATIO
Single Supply, Low Noise, Low Power, Bandpass Filter with Gain = 10
Low Noise, Low Power, Single Supply, Instrumentation
Amplifier with Gain = 100
+
–
R14
2k
EN
U3
LT6230
VOUT = 100 (VIN2 – VIN1)
GAIN =
(R2 + 1) (R10)
INPUT RESISTANCE = R5 = R6
f–3dB = 310Hz TO 11MHz
EN = 20µVRMS INPUT REFERRED
IS = 10.5mA FOR VS = 5V, 0V
623012 F05
C8
68pF
C3
1
µF
R13
2k
R10
511
Ω
R15
88.7
Ω
R16
88.7
Ω
R4
511
Ω
R3
30.9
Ω
R1
30.9
Ω
R2
511
Ω
VOUT
VIN1
VIN2
V+
R1
R15
C9
68pF
R12
511
Ω
+
–
EN
U2
LT6230-10
V+
C1
1
µF
C2
2200pF
+
–
EN
U1
LT6230-10
V+
R5
511
Ω
R6
511
Ω
C4
10
µF
R1 = R3
R2 = R4
R10 = R12
R15 = R16
FREQUENCY (Hz)
100k
23
3
–7
1M
10M
623012 F04
Frequency Response Plot of
Bandpass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com