Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4211CMS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4211CMS
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CMS Datasheet(HTML) 1 Page - Linear Technology

  LTC4211CMS Datasheet HTML 1Page - Linear Technology LTC4211CMS Datasheet HTML 2Page - Linear Technology LTC4211CMS Datasheet HTML 3Page - Linear Technology LTC4211CMS Datasheet HTML 4Page - Linear Technology LTC4211CMS Datasheet HTML 5Page - Linear Technology LTC4211CMS Datasheet HTML 6Page - Linear Technology LTC4211CMS Datasheet HTML 7Page - Linear Technology LTC4211CMS Datasheet HTML 8Page - Linear Technology LTC4211CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
LTC4211
4211f
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
FEATURES
s
Allows Safe Board Insertion and Removal
from a Live Backplane
s
Controls Supply Voltages from 2.5V to 16.5V
s
Programmable Soft-Start with Inrush Current
Limiting, No External Gate Capacitor Required
s
Faster Turn-Off Time Because No External Gate
Capacitor is Required
s
Dual Level Overcurrent Fault Protection
s
Programmable Response Time for Overcurrent
Protection (MS)
s
Programmable Overvoltage Protection (MS)
s
Automatic Retry or Latched Mode Operation (MS)
s
High Side Drive for an External N-Channel FET
s
User-Programmable Supply Voltage Power-Up Rate
s
FB Pin Monitors VOUT and Signals RESET
s
Glitch Filter Protects Against Spurious RESET Signal
The LTC
®4211 is a Hot SwapTM controller that allows a
board to be safely inserted and removed from a live
backplane. An internal high side switch driver controls the
gate of an external N-channel MOSFET for supply voltages
ranging from 2.5V to 16.5V. The LTC4211 provides soft-
start and inrush current limiting during the start-up period
which has a programmable duration.
Two on-chip current limit comparators provide dual level
overcurrent circuit breaker protection. The slow com-
parator trips at VCC – 50mV and activates in 20µs (or
programmed by an external filter capacitor, MS only). The
fast comparator trips at VCC – 150mV and typically
responds in 300ns.
The FB pin monitors the output supply voltage and signals
the RESET output pin. The ON pin signal turns the chip on
and off and can also be used for the reset function. The
MS package has FAULT and FILTER pins to provide
additional functions like fault indication, autoretry or
latch-off modes, programmable current limit response
time and programmable overvoltage protection using an
external Zener diode clamp.
s
Electronic Circuit Breaker
s
Hot Board Insertion and Removal (Either On
Backplane or On Removable Card)
s
Industrial High Side Switch/Circuit Breaker
Hot Swap Controller with
Multifunction Current Control
, LTC and LT are registered trademarks of Linear Technology Corporation.
Single Channel 5V Hot Swap Controller
+
VCC
SENSE
LTC4211
8
2
34
76
CLOAD
VOUT
5V
5A
GND
4211 TA01A
5
1
R4
15k
GATE
GND
TIMER
PCB CONNECTION SENSE
CTIMER
10nF
FB
ON
SHORT
LONG
VCC
5V
GND
LONG
Z1 = 1SMA10A OR SMAJ10A
* OPTIONAL
RESET
R2
10k
R1
20k
RX
10
Ω
RSENSE
0.007
Ω
PCB EDGE
CONNECTOR
(MALE)
M1
Si4410DY
Z1*
R3
36k
R5
10k
µP
LOGIC
RESET
CX
100nF
BACKPLANE
CONNECTOR
(FEMALE)
Hot Swap is a trademark of Linear Technology Corporation.
4211 TA01b
2.5ms/DIV
NO CLOAD
VGATE
5V/DIV
VRESET
5V/DIV
VON
1V/DIV
VTIMER
1V/DIV
Power-Up Sequence


Similar Part No. - LTC4211CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4211 LINER-LTC4211 Datasheet
278Kb / 24P
Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4211 LINER-LTC4211 Datasheet
322Kb / 40P
Hot Swap Controller
LTC4211 LINER-LTC4211 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4211 LINER-LTC4211 Datasheet
341Kb / 24P
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4211 LINER-LTC4211 Datasheet
678Kb / 20P
20A Guaranteed SOA Hot Swap Controller
More results

Similar Description - LTC4211CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
LTC4230 LINER-LTC4230 Datasheet
390Kb / 36P
Triple Hot Swap Controller with Multifunction Current Control
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
LTC4211 LINER-LTC4211_15 Datasheet
326Kb / 40P
Hot Swap Controller with Multifunction Current Control
LTC4230 LINER-LTC4230_15 Datasheet
389Kb / 36P
Triple Hot Swap Controller with Multifunction Current Control
logo
Texas Instruments
LM5067 TI1-LM5067 Datasheet
2Mb / 35P
Negative Hot Swap / Inrush Current Controller
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
High Current Hot Swap Controller with Current Monitor Output
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com