Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4211CMS Datasheet(PDF) 27 Page - Linear Technology

Part # LTC4211CMS
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CMS Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC4211CMS Datasheet HTML 23Page - Linear Technology LTC4211CMS Datasheet HTML 24Page - Linear Technology LTC4211CMS Datasheet HTML 25Page - Linear Technology LTC4211CMS Datasheet HTML 26Page - Linear Technology LTC4211CMS Datasheet HTML 27Page - Linear Technology LTC4211CMS Datasheet HTML 28Page - Linear Technology LTC4211CMS Datasheet HTML 29Page - Linear Technology LTC4211CMS Datasheet HTML 30Page - Linear Technology LTC4211CMS Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27
LTC4211
4211f
To increase the RC delay, the user may either increase
CAUTO or RAUTO. However, increasing CAUTO > 2µF will
actually limit the RC delay due to the reset sink-current
capability of the FAULT pin. Therefore, in order to increase
the RC delay, it is more effective to either increase RAUTO
or to put a bleed resistor in parallel with CAUTO to GND. As
an example, increasing RAUTO from 1M to 3.2M decreases
duty cycle to 0.8%.
HOT SWAPPING TWO SUPPLIES
Using two external pass transistors, the LTC4211 can
switch two supply voltages. In some cases, it is necessary
to bring up the dominant supply first during power-up but
ramp them down together during the power-down phase.
The circuit in Figure 20 shows how to program two
different delays for the pass transistors. The 5V supply is
powered up first. R1 and C3 are used to set the rise and fall
times on the 5V supply. Next, the 3.3V supply ramps up
APPLICATIO S I FOR ATIO
1
VCC
TIMER
GATE
RESET
VCC – VSENSE
FILTER
VOUT
23
5
6
7
4
B
8
SLOW COMPARATOR ARMED
FAST COMPARATOR ARMED
tOFF
t1
t2
tFILTER
tOFF
VREF
>50mV
GATE
VFB < VREF
VOUT
FPD
tRESET
VSENSE = 50mV
REGULATED
LOAD CURRENT
10
µA
4211 F19
2
µA
ON/FAULT
ON/FAULT
DUTY CYCLE =
(tFILTER << t1, t2 AND tOFF)
t2
tOFF + t1 + t2
with 20ms delay set by R6 and C2. On the falling edge, both
supplies ramp down together because D1 and D2 bypass
R1 and R6.
OVERVOLTAGE TRANSIENT PROTECTION
Good engineering practice calls for bypassing the supply
rail of any analog circuit. Bypass capacitors are often
placed at the supply connection of every active device, in
addition to one or more large value bulk bypass capacitors
per supply rail. If power is connected abruptly, the large
bypass capacitors slow the rate of rise of the supply
voltage and heavily damp any parasitic resonance of lead
or PC track inductance working against the supply bypass
capacitors.
The opposite is true for LTC4211 Hot Swap circuits
mounted on plug-in cards. In most cases, there is no
supply bypass capacitor present on the powered supply
Figure 19. Autoretry Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com