Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB4 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # LLDB4
Description  SILICON BIDIRECTIONAL DIACS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

LLDB4 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  LLDB4 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd LLDB4 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LLDB3/LLDB4
C
Weight: 0.05 grams (approx.)
=25°C
Mechanical Data
1 of 2
Features
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
!
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A
SILICON BIDIRECTIONAL DIACS
ABSOLUTE RATINGS
Power Dissipation on Printed
Cir cuit(L=10mm)
TA=50℃
Repetitive Peak on-state
Tp=10uS
Current
f=100HZ
Storage and Operating Juntion Temperature
℃
Min
28
Typ
32
Max
36
Output Voltage*
Min
V
Breakover Current*
Max
uA
Rise Time*
Typ
uS
uA
IB=0.5 VBO MAX
See FIG 3
See FIG 3
Leakage Current*
V
Min
Dynamic Breakover Voltage
See FIG 1
5
1 △V1
Breakover Voltage*
C=22nf**
See Diagram 1
V
Breakover Voltage Symmetry
See Diagram 1
C=22nf**
V
VBO
1+VBOI-
1-VBOI
UNITS
A
mW
ELECTRICAL CHARACTERISTICS
PAPRAMETERS
TEST CONDITIONS
150
2.0
-40 to +125
VALUE
PARAMETERS
VALUE
UNITS
SYMBOL
Pc
ITRM
TSTG/TJ
SYMBOLS
See FIG 2
VO
3
△I=(IBO to IF=10mA)
Max
10
1.5
Max
IB
tr
5
100
C=22nf**
IBO
±
±
NOTE:* Electrical characteristics applicable in both forward and reverse directions.
** Connected in parallel with the devices.
!
Lead Free: For RoHS / Lead Free Version
The three layer, two terminal, axial lead,hermetically sealed diacs are designed
specifically for triggering thyristors. They demonstrate low breakover current at
breakover voltage as they withstand peak pulse current, The breakover symmetry is
within three volts (DB3,DB4). These diacs are intended for use in thyrisitors phase
control , circuits for lamp dimming,universa motor speed control ,and heat control.
Case: MiniMELF Glass Case (SOD-80)
Polarity: Color band denotes cathode end
MiniMELF
Dim
MIn
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
A
B
35
45
45
LLDB3/LLDB4
LLDB3 / LLDB4
LLDB3
LLDB4
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Similar Part No. - LLDB4

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LLDB4 SEMTECH_ELEC-LLDB4 Datasheet
166Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Jinan Jingheng (Group) ...
LLDB4 JINANJINGHENG-LLDB4 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
SHENZHEN YONGERJIA INDU...
LLDB4 WINNERJOIN-LLDB4 Datasheet
161Kb / 4P
DIAC
logo
Olitech Electronics Co....
LLDB4 OLITECH-LLDB4 Datasheet
295Kb / 2P
Glass Case MiniMELF
logo
SUNMATE electronic Co.,...
LLDB4 SUNMATE-LLDB4 Datasheet
298Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results

Similar Description - LLDB4

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB3 HY-DB3 Datasheet
45Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
Silicon Bidirectional Diacs
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3M DSK-DB3M Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com