Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB4 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # LLDB4
Description  SILICON BIDIRECTIONAL DIACS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

LLDB4 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  LLDB4 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd LLDB4 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LLDB3/LLDB4
2 of 2
FIG.2-TEST CIRCUIT FOR OUTPUT VOLATGE
VO
220V
60HZ
10K
Ω
500K
Ω
D.U.T
R=20
Ω
0.1uF
tr
FIG.3-TEST CIRCUIT SEE FIG.2 ADJUST R
FOR Ip=0.5A
10%
90%
IP
FIG.4-TEST CIRCUIT FOR OUTPUT
VOLATGE
P(mW)
160
140
120
100
80
60
40
20
0
0
30
50
70 80
90
60
20
10
40
130
100 110 120
Tamb(
°C)
FIG.5-RELATIVE VARIATION OF VBO VERSUS
JUNCTION TEMPERATURE(TYPICAL VALUES)
VBO(IJ)
VBO(TJ=25℃)
25
50
75
100
125
.00
.02
1.04
1.08
.06
TJ = (
°C)
FIG.6-PEAK PULSE CURRENT VERSUS PULSE
DURATION (MAXIMUM VALUES)
f = 100Hz
Tjinitial=25
°C
tp(us)
10
100
1000
10000
0.01
0.1
1
2
ITRM(A)
FIG.1-CURRENT-VOLTAGE CHARACTERISTICS
-IF
+IF
-V
+V
10mA
IB
△V
VBO
IB
0.5VBO
LLDB3/LLDB4
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com