Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7617BSTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7617BSTZ
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617BSTZ Datasheet(HTML) 1 Page - Analog Devices

  AD7617BSTZ Datasheet HTML 1Page - Analog Devices AD7617BSTZ Datasheet HTML 2Page - Analog Devices AD7617BSTZ Datasheet HTML 3Page - Analog Devices AD7617BSTZ Datasheet HTML 4Page - Analog Devices AD7617BSTZ Datasheet HTML 5Page - Analog Devices AD7617BSTZ Datasheet HTML 6Page - Analog Devices AD7617BSTZ Datasheet HTML 7Page - Analog Devices AD7617BSTZ Datasheet HTML 8Page - Analog Devices AD7617BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
16-Channel DAS with 14-Bit, Bipolar Input,
Dual Simultaneous Sampling ADC
Data Sheet
AD7617
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
16-channel, dual, simultaneously sampled inputs
Independently selectable channel input ranges
True bipolar: ±10 V, ±5 V, ±2.5 V
Single 5 V analog supply and 2.3 V to 3.6 V VDRIVE supply
Fully integrated data acquisition solution
Analog input clamp protection
Input buffer with 1 MΩ analog input impedance
First-order antialiasing analog filter
On-chip accurate reference and reference buffer
Dual 14-bit SAR ADC
Throughput rate: 2× 1 MSPS per channel pair
Oversampling capability with digital filter
Flexible sequencer with burst mode
Flexible parallel/serial interface
SPI/QSPI/MICROWIRE/DSP compatible
Optional CRC error checking
Hardware/software configuration
Performance
85.3 dB typical SNR at 500 kSPS (2× oversampling)
85 dB typical SNR at 1 MSPS
−103 dB typical THD at ±10 V range
±0.3 LSB INL (typical), ±0.99 LSB DNL (maximum)
8 kV ESD analog input pins only
On-chip self detect function
80-lead LQFP package
APPLICATIONS
Power line monitoring
Protective relays
Multiphase motor control
Instrumentation and control systems
Data acquisition systems (DASs)
GENERAL DESCRIPTION
The AD7617 is a 14-bit, DAS that supports dual simultaneous
sampling of 16 channels. The AD7617 operates from a single +5 V
supply and can accommodate ±10 V, ±5 V, and ±2.5 V true bipolar
input signals while sampling at throughput rates up to 1 MSPS
per channel pair with 85 dB signal-to-noise ratio (SNR). Higher
SNR performance can be achieved with the on-chip oversampling
mode (85.3 dB for an oversampling ratio (OSR) of 2).
The input clamp protection circuitry can tolerate voltages up to
±21 V. The AD7617 has 1 MΩ analog input impedance, regardless
of sampling frequency. The single-supply operation, on-chip
filtering, and high input impedance eliminate the need for
driver op amps and external bipolar supplies.
The device contains analog input clamp protection, a dual, 14-bit
charge redistribution successive approximation register (SAR)
analog-to-digital converter (ADC), a flexible digital filter, a
2.5 V reference and reference buffer, and high speed serial and
parallel interfaces. The AD7617 is serial peripheral interface
(SPI)/QSPI™/DSP/MICROWIRE compatible.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. AD7617 Functional Block Diagram
RFB
1MΩ
1MΩ
RFB
FIRST-
ORDER LPF
RFB
1MΩ
1MΩ
RFB
FIRST-
ORDER LPF
V0A
V0AGND
RFB
1MΩ
1MΩ
RFB
V7A
V7AGND
V0B
V0BGND
V7B
V7BGND
9:1
MUX
BUSY
CONVST
CONTROL
INPUTS
CLK OSC
REFINOUT REFSEL
SER/PAR
SER1W
OSR
DIGITAL
FILTER
2.5V
REF
REFCAP
NOTES
1. MULTIFUNCTION PINS, SUCH AS DB15/OS2, ARE REFERRED TO BY A SINGLE FUNCTION OF THE PIN,
FOR EXAMPLE, DB15, WHEN ONLY THAT FUNCTION IS RELEVANT. REFER TO THE PIN CONFIGURATION
AND FUNCTION DESCRIPTIONS SECTION FOR MORE INFORMATION.
SERIAL
REGCAP REGCAPD
1.8V
DLDO
VCC
AD7617
9:1
MUX
14-BIT
SAR
14-BIT
SAR
OS2 TO OS0
VDRIVE
VCC
ALDO
2:1
MUX
HW_RNGSEL0, HW_RNGSEL1
CHSEL2 TO CHSEL0
SEQEN
FLEXIBLE
SEQUENCER
BURST
RESET
AGND
DGND
DB15 TO DB0
SDOx/SDI
PARALLEL
FIRST-
ORDER LPF
RFB
1MΩ
1MΩ
RFB
FIRST-
ORDER LPF
1.8V
ALDO
CLAMP
CLAMP
CLAMP
CLAMP
CLAMP
CLAMP
CLAMP
CLAMP


Similar Part No. - AD7617BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7610 AD-AD7610 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7610 AD-AD7610 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7610 AD-AD7610 Datasheet
810Kb / 28P
16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
REV. 0
AD7610 AD-AD7610 Datasheet
684Kb / 33P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7610BCPZ AD-AD7610BCPZ Datasheet
684Kb / 33P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
More results

Similar Description - AD7617BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7606 AD-AD7606 Datasheet
799Kb / 36P
8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7607 AD-AD7607 Datasheet
681Kb / 32P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7616 AD-AD7616 Datasheet
1Mb / 51P
16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
REV. 0
AD7605-4 AD-AD7605-4 Datasheet
720Kb / 28P
4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. 0
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. C
AD7616-P AD-AD7616-P Datasheet
848Kb / 47P
16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
Rev. 0
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
01-Nov-2017
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
23-Feb-2017
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
6/2019-Revision 0
AD7606C-16 AD-AD7606C-16 Datasheet
1Mb / 74P
8-Channel DAS with 16-Bit, 1 MSPS Bipolar Input, Simultaneous Sampling ADC
1/2021-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com