Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7617BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7617BSTZ
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7617BSTZ Datasheet HTML 12Page - Analog Devices AD7617BSTZ Datasheet HTML 13Page - Analog Devices AD7617BSTZ Datasheet HTML 14Page - Analog Devices AD7617BSTZ Datasheet HTML 15Page - Analog Devices AD7617BSTZ Datasheet HTML 16Page - Analog Devices AD7617BSTZ Datasheet HTML 17Page - Analog Devices AD7617BSTZ Datasheet HTML 18Page - Analog Devices AD7617BSTZ Datasheet HTML 19Page - Analog Devices AD7617BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Data Sheet
AD7617
Rev. 0 | Page 15 of 51
TYPICAL PERFORMANCE CHARACTERISTICS
VREF = 2.5 V internal, VCC = 5 V, VDRIVE = 3.3 V, fSAMPLE = 1 MSPS, fIN = 1 kHz TA = 25°C, unless otherwise noted.
Figure 8. Fast Fourier Transform (FFT), ±10 V Range
Figure 9. FFT, ±5 V Range
Figure 10. FFT Burst Mode, ±10 V Range
Figure 11. SNR vs. Temperature
Figure 12. SINAD vs. Temperature
Figure 13. THD vs. Temperature
–160
–140
–120
–100
–80
–60
–40
–20
0
100
200
300
400
500
FREQUENCY (kHz)
0
SNR = 85.1dB
SINAD = 84.42dB
THD = –103.41dB
N SAMPLES = 8192
fSAMPLE = 1MSPS
–160
–140
–120
–100
–80
–60
–40
–20
0
100
0
200
300
400
500
FREQUENCY (kHz)
SNR = 84.47dB
SINAD = 83.95dB
THD = –103.41dB
N SAMPLES = 8192
fSAMPLE = 1MSPS
–160
–140
–120
–100
–80
–60
–40
–20
0
10
0
20
30
40
50
60
FREQUENCY (kHz)
SNR = 85dB
SINAD = 84.43dB
THD = –107.4dB
N SAMPLES = 8192
fSAMPLE = 62.5kSPS
80
81
82
83
84
85
86
87
88
89
90
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
±10V RANGE
±5V RANGE
±2.5V RANGE
80
81
82
83
84
85
86
87
88
89
90
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
±10V RANGE
±5V RANGE
±2.5V RANGE
–120
–110
–100
–90
–80
–70
–60
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
±10V RANGE
±5V RANGE
±2.5V RANGE
RSOURCE MATCHED ON
Vxx AND VxxGND INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com