Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7761 Datasheet(PDF) 66 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD7761 Datasheet HTML 62Page - Analog Devices AD7761 Datasheet HTML 63Page - Analog Devices AD7761 Datasheet HTML 64Page - Analog Devices AD7761 Datasheet HTML 65Page - Analog Devices AD7761 Datasheet HTML 66Page - Analog Devices AD7761 Datasheet HTML 67Page - Analog Devices AD7761 Datasheet HTML 68Page - Analog Devices AD7761 Datasheet HTML 69Page - Analog Devices AD7761 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 65 of 75
Bits
Bit Name
Settings
Description
Reset
Access
[1:0]
MCLK_DIV
MCLK division. The MCLK division bits control the divided ratio between the
MCLK applied at the input to the AD7761 and the clock used by each of the
ADC modulators. The appropriate division ratio depends on the following
factors: power mode, decimation rate, and the base MCLK available in the
system. See the Clocking, Sampling Tree, and Power Scaling section for more
information on setting MCLK_DIV correctly.
0x0
RW
00
MCLK/32: with a base MCLK of 32.768 MHz, set to MCLK/32 for low power mode.
10
MCLK/8: with a base MCLK of 32.768 MHz, set to MCLK/8 for median mode.
11
MCLK/4: with a base MCLK of 32.768 MHz, set to MCLK/4 for fast mode.
GENERAL DEVICE CONFIGURATION REGISTER
Address: 0x05, Reset: 0x08, Name: General Configuration
Table 39. Bit Descriptions for General Configuration
Bits
Bit Name
Settings
Description
Reset
Access
6
CLK_QUAL_DIS
Clock qualification disable bit. Allows the user to disable
the external clock source qualification. Following a reset,
the frequency of the externally applied MCLK is checked.
It is accepted as valid if it is greater than approximately
1.15 MHz. The AD7761 then hands control over to the
external clock source. If this qualification check fails, the
NO_CLOCK_ERROR bit is set and the AD7761 continues to
run using the internal startup clock.
0x0
RW
Users can disable this qualification check to force the
AD7761 to accept and pass control to an external clock
source with a lower frequency.
0
Enabled. Clock qualification check is performed.
1
Disabled. Clock qualification check is not performed.
5
RETIME_EN
SYNC_OUT signal retime enable bit.
0x0
RW
0
Disabled: normal timing of SYNC_OUT.
1
Enabled: SYNC_OUT signal derived from alternate
MCLK edge.
4
VCM_PD
VCM buffer power-down.
0x0
RW
0
Enabled: VCM buffer normal mode.
1
Powered down: VCM buffer powered down.
[1:0]
VCM_VSEL
VCM voltage. These bits select the output voltage of the
VCM pin. This voltage is derived from the AVDD1 supply
and can be output as half of that AVDD1 voltage, or other
fixed voltages, with respect to AVSS. The VCM voltage
output is associated with the Channel 0 circuitry. If
Channel 0 is put into standby mode, the VCM voltage
output is also disabled for maximum power savings.
Channel 0 must be enabled while VCM is being used
externally to the AD7761.
0x0
RW
00
(AVDD1 − AVSS)/2 V.
01
1.65 V.
10
2.5 V.
11
2.14 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com