Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7761 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7761
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7761 Datasheet HTML 17Page - Analog Devices AD7761 Datasheet HTML 18Page - Analog Devices AD7761 Datasheet HTML 19Page - Analog Devices AD7761 Datasheet HTML 20Page - Analog Devices AD7761 Datasheet HTML 21Page - Analog Devices AD7761 Datasheet HTML 22Page - Analog Devices AD7761 Datasheet HTML 23Page - Analog Devices AD7761 Datasheet HTML 24Page - Analog Devices AD7761 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 20 of 75
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = 5 V, AVDD2 = 2.5 V, AVSS = 0 V, IOVDD = 2.5 V, VREF = 4.096 V, TA = 25°C, wideband filter, decimation = ×32, MCLK =
32.768 MHz, analog input precharge buffers on, precharge reference buffers off, unless otherwise noted.
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
10
100k
10k
1k
100
FREQUENCY (Hz)
SNR = 97.7dB
THD = –123.8dB
Figure 11. Fast Fourier Transform (FFT), Fast Mode, Wideband Filter,
−0.5 dBFS
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
10
100k
10k
1k
100
FREQUENCY (Hz)
SNR = 97.7dB
THD = –125.1dB
Figure 12. FFT, Median Mode, Wideband Filter, −0.5 dBFS
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
10
1
10k
1k
100
FREQUENCY (Hz)
SNR = 97.7dB
THD = –128.3dB
Figure 13. FFT, Low Power Mode, Wideband Filter, −0.5 dBFS
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
10
100k
10k
1k
100
FREQUENCY (Hz)
SNR = 97.8dB
THD = –124.2dB
Figure 14. FFT, Fast Mode, Sinc5 Filter, −0.5 dBFS
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
10
100k
10k
1k
100
FREQUENCY (Hz)
SNR = 97.9dB
THD = –125.1dB
Figure 15. FFT, Median Mode, Sinc5 Filter, −0.5 dBFS
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
10
1
10k
1k
100
FREQUENCY (Hz)
SNR = 97.9dB
THD = –128.3dB
Figure 16. FFT, Low Power Mode, Sinc5 Filter, −0.5 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com