Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7771 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7771 Datasheet HTML 35Page - Analog Devices AD7771 Datasheet HTML 36Page - Analog Devices AD7771 Datasheet HTML 37Page - Analog Devices AD7771 Datasheet HTML 38Page - Analog Devices AD7771 Datasheet HTML 39Page - Analog Devices AD7771 Datasheet HTML 40Page - Analog Devices AD7771 Datasheet HTML 41Page - Analog Devices AD7771 Datasheet HTML 42Page - Analog Devices AD7771 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 38 of 98
There are two different ways to achieve a synchronous pulse if
the controller/processor cannot generate it as follows:
•
Applying an asynchronous pulse on the START pin, which
is then internally synchronized with the external MCLK
clock, and the resulting synchronous signal is output on
the SYNC_OUT pin.
•
Triggering the SYNC_OUT internally. When the AD7771
is configured in SPI control mode, toggling Bit 0 in the
GENERAL_USER_CONFIG_2 register generates a
synchronous pulse that is output on the SYNC_OUT pin.
The SYNC_IN and SYNC_OUT pins must be externally
connected if internal synchronization is used.
If multiple AD7771 devices must be synchronized, the
SYNC_OUT pin of one device can be connected to multiple
devices. This synchronization method requires the use of a
common MCLK signal for all the AD7771 devices connected,
as shown in Figure 110.
If the START pin is not used, tie it to DGND.
START
SYNC_IN
IOVDD
MCLK
SYNC_OUT
START
SYNC_IN
MCLK
SYNC_OUT
NC
START
SYNC_IN
MCLK
SYNC_OUT
NC
AD7771
AD7771
AD7771
SYNCHRONIZATION
LOGIC
ASYNCHRONOUS
PULSE
DIGITAL FILTER
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
MCLK
IOVDD
Figure 110. Multiple AD7771 Devices Synchronization
DIGITAL FILTERING
The AD7771 offers low latency sinc3 and sinc5 filters. Most
precision Σ-Δ ADCs use sinc filters because the sinc filters offer
a low latency path for applications requiring low bandwidth
signals, for example, in control loops or where application
specific postprocessing is required. The digital filter adds notches
at multiples of the sampling frequency.
The digital sinc3 filter implements three main notches, one at
the maximum ODR (128 kHz or 32 kHz, depending on the
power mode) and another two at the ODR frequency selected to
stop noise aliasing into the pass band. The sinc5 filter implements
five notches, one at the maximum ODR (128 kHz or 32 kHz,
depending on the power mode) and another four at the ODR
frequency selected to stop noise aliasing into the pass band.
It is recommended to select the sinc5 digital filter for output
data rates higher than 24 kSPS.
Figure 111 and Figure 112 show the typical filter transfer
function for the high resolution and low power modes using a
decimation rate of 32 samples for the sinc3 and sinc5 filters.
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
64
32
96
128
160
192
224
256
FREQUENCY (MHz)
SINC3
SINC5
Figure 111. Sinc3/Sinc5 Frequency Response in High Resoltuion Mode
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
16
8
24
32
40
48
56
64
FREQUENCY (MHz)
SINC3
SINC5
Figure 112. Sinc3/Sinc5 Frequency Response in Low Power Mode
The sample rate converter feature allows fine tuning of the
decimation rate, even for noninteger multiples of the decimation
rate. See the Sample Rate Converter (SRC) section for more
information on filter profiles for noninteger decimation rates.
SHUTDOWN MODE
The AD7771 can be placed in shutdown mode by pulling
AVDD2x to ground and connecting 1 MΩ resistance, pulled
low, to XTAL2/MCLK. In this mode, the average current
consumption is reduced to 1 mA, as shown in Figure 113.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com