Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7771 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7771 Datasheet HTML 15Page - Analog Devices AD7771 Datasheet HTML 16Page - Analog Devices AD7771 Datasheet HTML 17Page - Analog Devices AD7771 Datasheet HTML 18Page - Analog Devices AD7771 Datasheet HTML 19Page - Analog Devices AD7771 Datasheet HTML 20Page - Analog Devices AD7771 Datasheet HTML 21Page - Analog Devices AD7771 Datasheet HTML 22Page - Analog Devices AD7771 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 18 of 98
20
–20
–10
5
15
0
–15
–5
10
–4
–2
0
2
–3
–1
1
3
4
INPUT VOLTAGE (V)
TA = 25°C
GAIN = 1
DIFFERENTIAL INPUT SIGNAL
VCM = (AVDD1x + AVSSx) ÷ 2
VREF = 1.0V
VREF = 1.5V
VREF = 2.0V
VREF = 2.5V
VREF = 3.0V
VREF = 3.3V
Figure 14. INL vs. Input Voltage and Reference Voltage (VREF)
at 64 kSPS, High Resolution Mode
10
–10
–8
–6
–4
–2
0
2
4
6
8
INPUT VOLTAGE (V)
TA = 25°C
GAIN = 1
DIFFERENTIAL VIN × GAIN
VREF = 2.5V
VCM = 1.95V
VCM = 1.65V
VCM = 1.35V
Figure 15. INL vs. Input Voltage and VCM at 64 kSPS,
High Resolution Mode
ADC CODE
1000
900
800
700
600
500
400
300
200
100
0
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
VREF = 2.5V
VCM = (AVDD1x + AVSSx) ÷ 2
TA = 25°C
Figure 16. Noise Histogram at 16 kSPS, High Resolution Mode,
Sinc3 Filter Enabled
–4
–3
4
INPUT VOLTAGE (V)
15
10
5
0
–5
–10
–15
–2
–1
0
1
2
3
TA = 25°C
GAIN = 1
DIFFERENTIAL INPUT SIGNAL
VCM = (AVDD1x + AVSSx) ÷ 2
VREF = 2.5V
VREF = 1.0V
VREF = 1.5V
VREF = 2.0V
VREF = 2.5V
VREF = 3.0V
VREF = 3.3V
Figure 17. INL vs. Input Voltage and Reference Voltage (VREF)
at 16 kSPS, Low Power Mode
15
10
5
0
–5
–10
–15
INPUT VOLTAGE (V)
TA = 25°C
GAIN = 1
DIFFERENTIAL INPUT SIGNAL
VREF = 2.5V
VCM = 1.95V
VCM = 1.65V
VCM = 1.35V
Figure 18. INL vs. Input Voltage and VCM at 16 kSPS,
Low Power Mode
ADC CODE
1000
900
800
700
600
500
400
300
200
100
0
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
VREF = 2.5V
VCM = (AVDD1x + AVSSx) ÷ 2
TA = 25°C
Figure 19. Noise Histogram at 4 kSPS, Low Power Mode,
Sinc3 Filter Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com