Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9208 Datasheet(PDF) 63 Page - Analog Devices

Part # AD9208
Description  14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9208 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9208 Datasheet HTML 59Page - Analog Devices AD9208 Datasheet HTML 60Page - Analog Devices AD9208 Datasheet HTML 61Page - Analog Devices AD9208 Datasheet HTML 62Page - Analog Devices AD9208 Datasheet HTML 63Page - Analog Devices AD9208 Datasheet HTML 64Page - Analog Devices AD9208 Datasheet HTML 65Page - Analog Devices AD9208 Datasheet HTML 66Page - Analog Devices AD9208 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 137 page
background image
AD9208
Data Sheet
Rev. 0 | Page 62 of 136
Chip
Application
Layer
Chip
Decimation
Ratio
DDC
Input
Type
DDC
Output
Type
Bandwidth
Per DDC1
No. of Virtual
Converters
Required
Register Settings
Four DDCs
16
Real
Complex
5% × fS
8
0x0200 = 0x03 (four DDCs; I/Q selected)
0x0201 = 0x04 (chip decimate by 16)
0x0310, 0x0330, 0x0350, 0x0370 = 0x42 (real mixer; 6 dB
gain; variable IF; complex output; HB4 + HB3 + HB2 +
HB1 filters)
0x0311 = 0x00 (DDC0 I input = ADC Channel A; DDC0 Q
input = ADC Channel A)
0x0331 = 0x00 (DDC1 I input = ADC Channel A; DDC1 Q
input = ADC Channel A)
0x0351 = 0x05 (DDC2 I input = ADC Channel B; DDC2 Q
input = ADC Channel B)
0x0371 = 0x05 (DDC3 I input = ADC Channel B; DDC3 Q
input = ADC Channel B)
0x0316, 0x0317, 0x0318, 0x0319, 0x031A, 0x031B,
0x031D, 0x031E, 0x031F, 0x0320, 0x0321, 0x0322 = FTW
and POW set as required by application for DDC0
0x0336, 0x0337, 0x0338, 0x0339, 0x033A, 0x033B,
0x033D, 0x033E, 0x033F, 0x0340, 0x0341, 0x0342 = FTW
and POW set as required by application for DDC1
0x0356, 0x0357, 0x0358, 0x0359, 0x035A, 0x035B,
0x035D, 0x035E, 0x035F, 0x0360, 0x0361, 0x0362 = FTW
and POW set as required by application for DDC2
0x0376, 0x0377, 0x0378, 0x0379, 0x037A, 0x037B,
0x037D, 0x037E, 0x037F, 0x0380, 0x0381, 0x0382 = FTW
and POW set as required by application for DDC3
1 fS is the ADC sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com