Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9208 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9208
Description  14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9208 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9208 Datasheet HTML 17Page - Analog Devices AD9208 Datasheet HTML 18Page - Analog Devices AD9208 Datasheet HTML 19Page - Analog Devices AD9208 Datasheet HTML 20Page - Analog Devices AD9208 Datasheet HTML 21Page - Analog Devices AD9208 Datasheet HTML 22Page - Analog Devices AD9208 Datasheet HTML 23Page - Analog Devices AD9208 Datasheet HTML 24Page - Analog Devices AD9208 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 137 page
background image
AD9208
Data Sheet
Rev. 0 | Page 20 of 136
–120
–100
–80
–60
–40
–20
0
–95 –89 –83 –77 –71 –65 –59 –53 –47 –41 –35 –29 –23 –17
INPUT AMPLITUDE (dBFS)
IMD3 (dBFS)
IMD3 (dBc)
SFDR (dBFS)
SFDR (dBc)
–11 –7
Figure 30. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 2621.5 MHz, fIN2 = 2631.5 MHz
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
–95 –89 –83 –77 –71 –65 –59 –53 –47 –41 –35 –29 –23 –17 –11 –5 –1
INPUT AMPLITUDE (dBFS)
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 31. SNR/SFDR vs. Input Amplitude (AIN), fIN = 950 MHz
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
–95 –89 –83 –77 –71 –65 –59 –53 –47 –41 –35 –29 –23 –17 –11 –5 –1
INPUT AMPLITUDE (dBFS)
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 32. SNR/SFDR vs. Input Amplitude (AIN), fIN = 1800 MHz
50
55
60
65
70
75
80
–10
0
10
2030405060708090 100 110 120
TJ (°C)
SNR (dBFS)
SFDR (dBFS)
Figure 33. SNR/SFDR vs. Junction Temperature (TJ), fIN = 950 MHz, AIN = −9 dBFS
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–10
0
10
20
30
40
50
60
70
80
90 100 110 120
TJ (°C)
TOTAL POWER (W)
AVDD1 + AVDD2 + AVDD3 POWER (W)
DVDD + SPIVDD POWER (W)
DRVDD1 + DRVDD2 POWER (W)
Figure 34. Power vs. Junction Temperature (TJ), fIN = 950 MHz
52
53
54
55
56
57
58
59
60
255
655
1055
1455
1855
2255
2655
3055
3455
3855
ANALOG INPUT FREQUENCY (MHz)
500mV p-p
1200mV p-p
1800mV p-p
200mV p-p
1000mV p-p
1500mV p-p
2000mV p-p
Figure 35. SNR vs. Analog Input Frequency (fIN) vs. Various Clock Amplitude in
Differential Voltages, AIN = −2dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com