Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9691 Datasheet(PDF) 63 Page - Analog Devices

Part # AD9691
Description  Dual Analog-to-Digital Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9691 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9691 Datasheet HTML 59Page - Analog Devices AD9691 Datasheet HTML 60Page - Analog Devices AD9691 Datasheet HTML 61Page - Analog Devices AD9691 Datasheet HTML 62Page - Analog Devices AD9691 Datasheet HTML 63Page - Analog Devices AD9691 Datasheet HTML 64Page - Analog Devices AD9691 Datasheet HTML 65Page - Analog Devices AD9691 Datasheet HTML 66Page - Analog Devices AD9691 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
AD9691
Data Sheet
Rev. 0 | Page 62 of 72
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x249
FD lower
threshold LSB
(local)
Fast detect lower threshold, Bits[7:0]
0x00
0x24A
FD lower
threshold MSB
(local)
0
0
0
Fast detect lower threshold, Bits[12:8]
0x00
0x24B
FD dwell time
LSB (local)
Fast detect dwell time, Bits[7:0]
0x00
0x24C
FD dwell time
MSB (local)
Fast detect dwell time, Bits[15:8]
0x00
0x26F
Signal monitor
synchronizatio
n control
0
0
0
0
0
0
Synchronization mode
00 = disabled
01 = continuous
11 = one-shot
0x00
See the
Signal
Monitor
section
0x270
Signal monitor
control (local)
0
0
0
0
0
0
Peak
detector
0 =
disabled
1 =
enabled
0
0x00
0x271
Signal Monitor
Period
Register 0
(local)
Signal monitor period, Bits[7:0]
0x80
In
decimated
output
clock cycles
0x272
Signal Monitor
Period
Register 1
(local)
Signal monitor period, Bits[15:8]
0x00
In
decimated
output
clock cycles
0x273
Signal Monitor
Period
Register 2
(local)
Signal monitor period, Bits[23:16]
0x00
In
decimated
output
clock cycles
0x274
Signal monitor
result control
(local)
0
0
0
Result
update
1 = update
results (self
clear)
0
0
0
Result
selection
0 = reserved
1 = peak
detector
0x01
0x275
Signal Monitor
Result
Register 0
(local)
Signal monitor result, Bits[7:0]
When Register 0x274, Bit 0 = 1, result Bits[19:7] = peak detector absolute value, Bits[12:0]; result Bits[6:0] = 0
Read
only
Updated
based on
Reg. 0x274,
Bit 4
0x276
Signal Monitor
Result
Register 1
(local)
Signal monitor result, Bits[15:8]
Read
only
Updated
based on
Reg.
0x274,
Bit 4
0x277
Signal Monitor
Result
Register 1
(local)
0
0
0
0
Signal monitor result, Bits[19:16]
Read
only
Updated
based on
Reg.
0x274,
Bit 4
0x278
Signal monitor
period
counter result
(local)
Period count result, Bits[7:0]
Read
only
Updated
based on
Reg.
0x274,
Bit 4
0x279
Signal monitor
SPORT over
JESD204B
control (local)
0
0
0
0
0
0
00 = reserved
11 = enable
0x00
0x27A
SPORT over
JESD204B
input
selection
(local)
0
0
0
0
0
0
Peak
detector
0 =
disabled
1 =
enabled
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com