Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9691 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9691
Description  Dual Analog-to-Digital Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9691 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9691 Datasheet HTML 17Page - Analog Devices AD9691 Datasheet HTML 18Page - Analog Devices AD9691 Datasheet HTML 19Page - Analog Devices AD9691 Datasheet HTML 20Page - Analog Devices AD9691 Datasheet HTML 21Page - Analog Devices AD9691 Datasheet HTML 22Page - Analog Devices AD9691 Datasheet HTML 23Page - Analog Devices AD9691 Datasheet HTML 24Page - Analog Devices AD9691 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
AD9691
Data Sheet
Rev. 0 | Page 20 of 72
56
58
60
62
64
66
68
70
72
74
76
1400.3
1500.3
1600.3
1700.3
1800.3
1900.3
1990.3
ANALOG INPUT FREQUENCY (MHz)
5.5x
6.5x
7.5x
8.5x
Figure 46. Buffer Current Sweeps, SFDR vs. Analog Input Frequency vs. IBUFF;
1300 MHz < fIN < 2000 MHz
Table 10 shows the recommended buffer current and full-scale
voltage settings for the different analog input frequency ranges.
Table 10. SFDR Optimization for Input Frequencies
Input Frequency
Input Buffer Current
Control Setting
(Register 0x018)
Buffer Control 2
Register
(Register 0x935)
<500 MHz
3.5×
0x04
500 MHz to 1 GHz
5.5× or 6.5×
0x00
>1 GHz
6.5× or higher
0x00
Absolute Maximum Input Swing
The absolute maximum input swing allowed at the inputs of the
AD9691 is 4.3 V p-p differential. Signals operating near or at
this level can cause permanent damage to the ADC.
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD9691. This internal 1.0 V reference sets the full-scale input
range of the ADC. For more information on adjusting the input
swing, see Table 35. Figure 47 shows the block diagram of the
internal 1.0 V reference controls.
ADC
CORE
FULL-SCALE
VOLTAGE
ADJUST
V_1P0 PIN
CONTROL SPI
REGISTER
(REG 0x024)
V_1P0
VIN–A/
VIN–B
VIN+A/
VIN+B
INTERNAL
V_1P0
GENERATOR
V_1P0 ADJUST
SPI REGISTER
(REG 0x024)
Figure 47. Internal Reference Configuration and Controls
Register 0x024 enables the user to either use this internal 1.0 V
reference, or to provide an external 1.0 V reference. When using
an external voltage reference, provide a 1.0 V reference. The
full-scale adjustment is made using the SPI, irrespective of the
reference voltage. For more information on adjusting the full-scale
level of the AD9691, see the Memory Map Register Table section.
The use of an external reference may be necessary, in some
applications, to enhance the gain accuracy of the ADC or
improve thermal drift characteristics. Figure 48 shows the
typical drift characteristics of the internal 1.0 V reference.
–50
0
25
90
TEMPERATURE (°C)
0.9998
0.9999
1.0000
1.0001
1.0002
1.0003
1.0004
1.0005
1.0006
1.0007
1.0008
1.0009
1.0010
Figure 48. Typical V_1P0 Drift
The external reference must be a stable 1.0 V reference. The
ADR130 is a good option for providing the 1.0 V reference.
Figure 49 shows how the ADR130 can be used to provide the
external 1.0 V reference to the AD9691. The grayed out areas
show unused blocks within the AD9691 when using the
ADR130 to provide the external reference.
V_1P0
ADJUST
V_1P0
0.1µF
VOUT 4
SET 5
NC 6
VIN
3
GND
2
NC
1
ADR130
0.1µF
INPUT
V_1P0
ADJUST
INTERNAL
V_1P0
GENERATOR
Figure 49. External Reference Using the ADR130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com