Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8475BRMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8475BRMZ-R7
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475BRMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8475BRMZ-R7 Datasheet HTML 1Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Precision, Selectable Gain,
Fully Differential Funnel Amplifier
Data Sheet
AD8475
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Precision attenuation: G = 0.4, G = 0.8
Fully differential or single-ended input/output
Differential output designed to drive precision ADCs
Drives switched capacitor and Σ-Δ ADCs
Rail-to-rail output
VOCM pin adjusts output common-mode voltage
Robust overvoltage protection up to ±15 V (VS = +5 V)
Single supply: 3 V to 10 V
Dual supplies: ±1.5 V to ±5 V
High performance
Suited for driving 18-bit converters up to 4 MSPS
10 nV/√Hz output noise
3 ppm/°C gain drift
500 μV maximum output offset
50 V/μs slew rate
Low power: 3.2 mA supply current
APPLICATIONS
ADC drivers
Differential instrumentation amplifier building blocks
Single-ended-to-differential converters
GENERAL DESCRIPTION
The AD8475 is a fully differential, attenuating amplifier with
integrated precision gain resistors. It provides precision attenuation
(by 0.4 or 0.8), common-mode level shifting, and single-ended-to-
differential conversion along with input overvoltage protection.
Power dissipation on a single 5 V supply is only 16 mW.
The AD8475 is a simple to use, fully integrated precision gain
block, designed to process signal levels of up to ±10 V on a single
supply. It provides a complete interface to make industrial level
signals directly compatible with the differential input ranges of low
voltage high performance 16-bit or 18-bit single-supply successive
approximation (SAR) analog-to-digital converters (ADCs).
The AD8475 comes with two standard pin-selectable gain
options: 0.4 and 0.8. The gain of the part is set by driving the
input pin corresponding to the appropriate gain.
The AD8475 also provides overvoltage protection from large
industrial input voltages up to ±15 V while operating on a single
5 V supply. The VOCM pin adjusts the output voltage common
mode for precision level shifting, to match the ADC’s input range
and maximize dynamic range.
FUNCTIONAL BLOCK DIAGRAMS
12
11
10
1
3
4
NC
–OUT
+OUT
9
VOCM
+IN 0.4x
–IN 0.8x
2
+IN 0.8x
–IN 0.4x
1kΩ
1.25kΩ
1.25kΩ
1kΩ
AD8475
1.25kΩ
1.25kΩ
NC = NO CONNECT
Figure 1. 16-Lead LFCSP
NC = NO CONNECT
1kΩ
1kΩ
1.25kΩ
1.25kΩ
AD8475
1.25kΩ
1.25kΩ
Figure 2. 10-Lead MSOP
The AD8475 works extremely well with SAR, Σ-Δ, and pipeline
converters. The high current output stage of the part allows it to
drive the switched capacitor front-end circuits of many ADCs with
minimal error.
Unlike many differential drivers in the market, the AD8475 is a
high precision amplifier. With 500 µV maximum output offset,
10 nV/√Hz output noise, and −112 dB THD + N, the AD8475
pairs well with high accuracy converters. Considering its low power
consumption and high precision, the slew-enhanced AD8475 has
excellent speed, settling to 18-bit precision for 4 MSPS acquisition.
The AD8475 is available in a space-saving 16-lead 3 mm × 3 mm
LFCSP package and a 10-lead MSOP package. It is fully specified
over the −40°C to +85°C temperature range.


Similar Part No. - AD8475BRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8475BRMZ-R7 AD-AD8475BRMZ-R7 Datasheet
554Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
AD8475BRMZ-R7 AD-AD8475BRMZ-R7 Datasheet
621Kb / 25P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. C
More results

Similar Description - AD8475BRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
Precision, 100UA Gain Selectable Amplifier
02-Nov-01
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
Precision, 100UA Gain Selectable Amplifier
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
Precision, 100uA Gain Selectable Amplifier
logo
Analog Devices
AD8475 AD-AD8475 Datasheet
554Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
logo
Linear Technology
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
Precision, 100A Gain Selectable Amplifier
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
Precision, 100A Gain Selectable Amplifier
logo
Analog Devices
AD8475 AD-AD8475_16 Datasheet
621Kb / 25P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. C
LT1997-2 AD-LT1997-2 Datasheet
806Kb / 26P
Precision, Wide Voltage Range, Gain Selectable Funnel Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com