Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8475BRMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8475BRMZ-R7
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475BRMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8475BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8475BRMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8475
Data Sheet
Rev. D | Page 10 of 24
0
–50
–40
–30
–20
–10
–7.96
–1.94
1k
1G
100M
10M
1M
100k
10k
FREQUENCY (Hz)
G = 0.8
G = 0.4
Figure 17. Small Signal Frequency Response for All Gains VS = ±5 V
0
–40
–30
–20
–10
–7.96
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
VS = ±5V
VS = +3V
VS = +5V
Figure 18. Small Signal Frequency Response for Various Supplies
–50
–20
–30
–40
0
–10
100k
100M
10M
1M
FREQUENCY (Hz)
RL = 200Ω
RL = 1kΩ
RL = 10kΩ
Figure 19. Small Signal Frequency Response for Various Loads
–30
–20
0
–10
–7.96
–1.94
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
G = 0.8
G = 0.4
Figure 20. Large Signal Frequency Response for All Gains, VS = ±5 V
–30
–20
0
–10
–7.96
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
VS = ±5V
VS = +3V
VS = +5V
Figure 21. Large Signal Frequency Response for Various Supplies
–50
–20
–30
–40
0
–10
100k
100M
10M
1M
FREQUENCY (Hz)
RL = 200Ω
RL = 1kΩ
RL = 10kΩ
Figure 22. Large Signal Frequency Response for Various Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com