Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-2YCPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4841-2YCPZ-R2
Description  Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-2YCPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4841-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4841-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADA4841-1/ADA4841-2
Rev. G | Page 13 of 20
THEORY OF OPERATION
AMPLIFIER DESCRIPTION
The ADA4841-1/ADA4841-2 are low power, low noise,
precision voltage-feedback op amps for single or dual voltage
supply operation. The ADA4841-1/ADA4841-2 are fabricated
on ADI’s second generation XFCB process and feature trimmed
supply current and offset voltage. The 2.1 nV/√Hz voltage noise
(very low for a 1.1 mA supply current amplifier), 40 µV offset
voltage, and sub 1 µV/°C offset drift is accomplished with an
input stage made of an undegenerated PNP input pair driving a
symmetrical folded cascode. A rail-to-rail output stage provides
the maximum linear signal range possible on low voltage
supplies and has the current drive capability needed for the
relatively low resistance feedback networks required for low
noise operation. CMRR, PSRR, and open-loop gain are all
typically above 100 dB, preserving the precision performance in
a variety of configurations. Gain bandwidth is kept high for this
power level to preserve the outstanding linearity performance
for frequencies up to 100 kHz. The ADA4841-1 has a power-
down function to further reduce power consumption. All this
results in a low noise, power efficient, precision amplifier that is
well-suited for high resolution and precision applications.
DC ERRORS
Figure 39 shows a typical connection diagram and the major dc
error sources. The ideal transfer function (all error sources set
to 0 and infinite dc gain) can be written as
IN
G
F
IP
G
F
OUT
V
R
R
V
R
R
V
×


−
×


+
= 1
(1)
RG
– VIN +
RS
– VIP +
IB+
IB–
+ VOUT –
RF
+ VOS –
Figure 39. Typical Connection Diagram and DC Error Sources
This reduces to the familiar forms for inverting and
noninverting op amp gain expressions
IP
G
F
OUT
V
R
R
V
×


+
= 1
(2)
(Noninverting gain, VIN = 0 V)
IN
G
F
OUT
V
R
R
V
×


 −
=
(3)
(Inverting gain, VIP = 0 V)
The total output voltage error is the sum of errors due to the
amplifier offset voltage and input currents. The output error
due to the offset voltage can be estimated as


+
×
+
−
+
+
=
G
F
OUT
PNOM
P
OFFSET
OUT
R
R
A
V
PSRR
V
V
CMRR
VCM
V
V
NOM
ERROR
1
(4)
where:
NOM
OFFSET
V
is the offset voltage at the specified supply voltage.
This is measured with the input and output at midsupply.
VCM is the common-mode voltage.
VP is the power supply voltage.
NOM
p
V
is the specified power supply voltage.
CMRR is the common-mode rejection ratio.
PSRR is the power supply rejection ratio.
A is the dc open-loop gain.
The output error due to the input currents can be estimated as
+
−
×


+
×
−


+
×
=
B
G
F
S
B
G
F
G
F
OUT
I
R
R
R
I
R
R
R
R
V
ERROR
1
1
)
||
(
(5)
Note that setting RS equal to RF||RG compensates for the voltage
error due to the input bias current.
NOISE CONSIDERATIONS
Figure 40 illustrates the primary noise contributors for the
typical gain configurations. The total rms output noise is
the root-mean-square of all the contributions.
RG
RS
ien
ien
+ vout_en –
RF
ven
4kT × RS
vn _ RS =
4kT × RG
vn _ RG =
4kT × RF
vn _ RF =
Figure 40. Noise Sources in Typical Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com